Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3642 Datasheet(PDF) 22 Page - ams AG

Part # AS3642
Description  Ultra Small 500mA Inductive White LED Flash Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3642 Datasheet(HTML) 22 Page - ams AG

Back Button AS3642 Datasheet HTML 18Page - ams AG AS3642 Datasheet HTML 19Page - ams AG AS3642 Datasheet HTML 20Page - ams AG AS3642 Datasheet HTML 21Page - ams AG AS3642 Datasheet HTML 22Page - ams AG AS3642 Datasheet HTML 23Page - ams AG AS3642 Datasheet HTML 24Page - ams AG AS3642 Datasheet HTML 25Page - ams AG AS3642 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
www.austriamicrosystems.com/AS3642
1.2-2
21 - 26
AS3642
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
If a different inductor is chosen, ensure similar DCR values and at least 0.7µH inductance at 0.9A input current.
LED
Use LED and optics as required by the system.
PCB Layout Guideline
The high speed operation requires proper layout for optimum performance. Route the power traces first and try to min-
imize the area and wire length of the two high frequency/high current loops:
Loop1: CVIN - LDCDC - pin SW - pin GND - CVIN
Loop2: CVIN - LDCDC - pin SW - pin VOUT - CVOUT - pin GND - CVIN
At the pin GND a single via (or more vias, which are closely combined) connects to the common ground plane. This
via(s) will isolate the DCDC high frequency currents from the common ground (as most high frequency current will flow
between Loop1 and Loop2 and will not pass the ground plane) - see the ‘ground via’ in Figure 24.
CIG21K1R0SCE
1.17µH
135m
>0.7µH
2x1.25x0.9mm
Samsung Electro-
Mechancs
www.sem.samsung.co.kr
CKP2012N1R0M
1.0µH
110m
>0.7µH
2x1.25x0.9mm
Taiyo Yuden
www.t-yuden.com
MLP2012L1R0MT
1.0µH
>0.7µH
2x1.25x0.9mm
TDK
www.tdk.com
MDT2012-CR1R0AN
1.0µH
110m
>0.7µH
2x1.25x0.9mm
Toko
www.toko.co.jp
Table 13. Recommended LEDs
Part Number
Name
Lumen @ 300mA
Size
Manufacturer
CERAMOS LUW
C9SM
Ceramos
55
2.04x1.64x0.75mm Osram Opto Semiconductors
www.osram-os.com
LXCL-PWF3
Luxeon PWF3
30
2.04x1.64x0.7mm
Philips Lumileds
www.philipslumileds.com
Table 12. Recommended Inductor (Continued)
Part Number
L
DCR
L @ 0.9A
Size
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com