Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3642 Datasheet(PDF) 14 Page - ams AG

Part # AS3642
Description  Ultra Small 500mA Inductive White LED Flash Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3642 Datasheet(HTML) 14 Page - ams AG

Back Button AS3642 Datasheet HTML 10Page - ams AG AS3642 Datasheet HTML 11Page - ams AG AS3642 Datasheet HTML 12Page - ams AG AS3642 Datasheet HTML 13Page - ams AG AS3642 Datasheet HTML 14Page - ams AG AS3642 Datasheet HTML 15Page - ams AG AS3642 Datasheet HTML 16Page - ams AG AS3642 Datasheet HTML 17Page - ams AG AS3642 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
www.austriamicrosystems.com/AS3642
1.2-2
13 - 26
AS3642
Datasheet - D e ta i l e d D e s c r i p t i o n
Acknowledge
Each receiving device, when addressed, is obliged to generate an acknowledge after the reception of each byte. The
master device must generate an extra clock pulse that is associated with this acknowledge bit.
A device that acknowledges must pull down the SDA line during the acknowledge clock pulse in such a way that the
SDA line is stable LOW during the HIGH period of the acknowledge-related clock pulse. Of course, setup and hold
times must be taken into account. A master must signal an end of data to the slave by not generating an acknowledge
bit on the last byte that has been clocked out of the slave. In this case, the slave must leave the data line HIGH to
enable the master to generate the STOP condition.
Figure 20. Data Transfer on I
2C Serial Bus
Depending upon the state of the R/W bit, two types of data transfer are possible:
1. Data transfer from a master transmitter to a slave receiver. The first byte transmitted by the master is the
slave address. Next follows a number of data bytes. The slave returns an acknowledge bit after each received
byte. Data is transferred with the most significant bit (MSB) first.
2. Data transfer from a slave transmitter to a master receiver. The master transmits the first byte (the slave
address). The slave then returns an acknowledge bit, followed by the slave transmitting a number of data
bytes. The master returns an acknowledge bit after all received bytes other than the last byte. At the end of the
last received byte, a “not acknowledge” is returned. The master device generates all of the serial clock pulses
and the START and STOP conditions. A transfer is ended with a STOP condition or with a repeated START
condition. Since a repeated START condition is also the beginning of the next serial transfer, the bus is not
released. Data is transferred with the most significant bit (MSB) first.
The AS3642 can operate in the following two modes:
1. Slave Receiver Mode (Write Mode): Serial data and clock are received through SDA and SCL. After each
byte is received an acknowledge bit is transmitted. START and STOP conditions are recognized as the begin-
ning and end of a serial transfer. Address recognition is performed by hardware after reception of the slave
address and direction bit (see Figure 21). The slave address byte is the first byte received after the master
generates the START condition. The slave address byte contains the 7-bit AS3642 address, which is 0110000,
followed by the direction bit (R/W), which, for a write, is 0.
5 After receiving and decoding the slave address
byte the device outputs an acknowledge on the SDA line. After the AS3642 acknowledges the slave address +
write bit, the master transmits a register address to the AS3642. This sets the register pointer on the AS3642.
The master may then transmit zero or more bytes of data, with the AS3642 acknowledging each byte received.
5. The address for writing to the AS3642 is 60h = 01100000b
SLAVE
ADDRESS
ACKNOWLEDGEMENT
SIGNAL FROM
RECEIVER
ACKNOWLEDGEMENT
SIGNAL FROM
RECEIVER
REPEATED IF
MORE BYTES ARE
TRANSFERRED
STOP CONDITION
OR REPEATED
START CONDITION
START
CONDITION
SCL
SDA
MSB
R/W
DIRECTION
BIT
ACK
1
2
6
78
9
1
2
3-8
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com