Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3642 Datasheet(PDF) 24 Page - ams AG

Part # AS3642
Description  Ultra Small 500mA Inductive White LED Flash Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3642 Datasheet(HTML) 24 Page - ams AG

Back Button AS3642 Datasheet HTML 19Page - ams AG AS3642 Datasheet HTML 20Page - ams AG AS3642 Datasheet HTML 21Page - ams AG AS3642 Datasheet HTML 22Page - ams AG AS3642 Datasheet HTML 23Page - ams AG AS3642 Datasheet HTML 24Page - ams AG AS3642 Datasheet HTML 25Page - ams AG AS3642 Datasheet HTML 26Page - ams AG AS3642 Datasheet HTML 27Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
www.austriamicrosystems.com/AS3642
1.2-2
23 - 26
AS3642
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
1. Write 0x20 into register 0x03 (Control register) [Enable assist light with default 72mA].
2. Read back
7 register 0x03 - must return 0x20, otherwise LDCDC or I2C (SCL or SDA) is broken
3. Write 0x00 into register 0x03 [Power off]
4. Read register 0x04 (Fault register) - must return 0x00, otherwise the LED is open or shorted
See Table 14 to identify the different possible soldering errors:
Typical I2C programming example
A typical use case for the AS3642 is to generate a 480ms, 500mA flash pulse. The programming example is shown in
Table 15:
7. Alternative testing method: Instead of reading the internal registers, the current into the AS3642 can be
measured. During assist light mode, the supply current must increase by at least 60mA. If an error is
detected, the current source and the DCDC is automatically switched off - see Protection and Fault Detec-
tion Functions on page 11
Table 14. How-to identify errors
Error
Identified by
SCL or SDA broken
writing 0x20 to 0x03 and read back of register 0x03 does not return 0x20
LDCDC broken
writing 0x20 to 0x03 and read back of register 0x03 does not return 0x20 - see DCDC
Broken Coil Detection on page 11
Flash LED shorted
register fault_led_short (see page 19) is set
Flash LED open
register fault_ovp (see page 19) is set
Table 15. I
2C Programing Example - 500mA, 480ms flash pulse
Sequence
C-Syntax
Purpose/Action
write 0xA1 to register 0x80h
AMSWriteByte(0x80,0xA1);
Use password to unlock next I
2C write
write 0xFF to register 0x02h
AMSWriteByte(0x02,0xFF);
Set 500mA mode
(current_mode (page 16)=11b)
and current (page 17) to 500mA
write 0x3F to register 0x03h
AMSWriteByte(0x03,0x3F);
Set flash_timer (page 18) to 480ms and
mode (page 18) to flash
(which automatically fires the flash and stops
it after flash_timer expired)
- no further action required -
the AS3642 automatically returns to
shutdown mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com