Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3642 Datasheet(PDF) 17 Page - ams AG

Part # AS3642
Description  Ultra Small 500mA Inductive White LED Flash Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3642 Datasheet(HTML) 17 Page - ams AG

Back Button AS3642 Datasheet HTML 13Page - ams AG AS3642 Datasheet HTML 14Page - ams AG AS3642 Datasheet HTML 15Page - ams AG AS3642 Datasheet HTML 16Page - ams AG AS3642 Datasheet HTML 17Page - ams AG AS3642 Datasheet HTML 18Page - ams AG AS3642 Datasheet HTML 19Page - ams AG AS3642 Datasheet HTML 20Page - ams AG AS3642 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
www.austriamicrosystems.com/AS3642
1.2-2
16 - 26
AS3642
Datasheet - D e ta i l e d D e s c r i p t i o n
Register Description
Table 4. Design Info Register
Addr: 0
Design Info Register
This register has a fixed ID
Bit
Bit Name
Default Access
Description
7:0
fixed_id
13h
R
This is a fixed identification (e.g. to verify the I
2C
communication)
Table 5. Version Control Register
Addr: 1
Version Control Register
This register defines design versions
Bit
Bit Name
Default Access
Description
3:0
version
Xh
R
AS3642 version number
7:4
reserved
Xh
R
reserved - don’t use
Table 6. Current Set Register
Addr: 2
Current Set Register
This register defines the Current Settings
Bit
Bit Name
Default Access
Description
1:0
current_mode
1
00
R/W
Define the current on pin LED_OUT
00
LED_OUT current is defined by ind_current,
assist_current and flash_current
10
01 LED_OUT current is defined by register 2, bits <7:3>
LSB = 10mA, full range = 320mA
11 LED_OUT current is defined by register 2, bits <7:3>
LSB = 15.625mA, full range = 500mA
2
freq_switch_on
2
1R/W
Exact frequency switching between 4MHz/1MHz for assist
and flash modes for operation close to maximum
pulsewidth - see Figure 17 on page 10
0
Pulseskip operation is allowed for all modes -
results in better efficiency
1
In flash and assist light mode, the DCDC is running at
4MHz or 1MHz (pulseskip is disabled) -
results in improved noise performance
4:3
ind_current
10
R/W
Define the current on pin LED_OUT in indicator mode if
current_mode=00 or 10
00
ILED_OUT = 1.35mA (PWM with 1/32 duty cycle)
01
ILED_OUT = 2.9mA (PWM with 2/32 duty cycle)
10
ILED_OUT = 4.4mA (PWM with 3/32 duty cycle)
11
ILED_OUT = 6.0mA (PWM with 4/32 duty cycle)
5
assist_current
1R/W
Define the current on pin LED_OUT in assist light mode if
current_mode=00 or 10
0ILED_OUT = 51.6mA
1ILED_OUT = 72.3mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com