Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3642 Datasheet(PDF) 20 Page - ams AG

Part # AS3642
Description  Ultra Small 500mA Inductive White LED Flash Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3642 Datasheet(HTML) 20 Page - ams AG

Back Button AS3642 Datasheet HTML 16Page - ams AG AS3642 Datasheet HTML 17Page - ams AG AS3642 Datasheet HTML 18Page - ams AG AS3642 Datasheet HTML 19Page - ams AG AS3642 Datasheet HTML 20Page - ams AG AS3642 Datasheet HTML 21Page - ams AG AS3642 Datasheet HTML 22Page - ams AG AS3642 Datasheet HTML 23Page - ams AG AS3642 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
www.austriamicrosystems.com/AS3642
1.2-2
19 - 26
AS3642
Datasheet - D e ta i l e d D e s c r i p t i o n
Register Map
1. Before changing mode register to 01, write 0xA1 to register 0x80h (password protection).
2. Torch mode and assist light mode share the same operating mode and identical currents.
3. Before changing external_strobe register to 01, write 0xA1 to register 0x80h (password protection).
Table 8. Fault Register
Addr: 4
Fault Register
This register identifies all the different fault conditions and provide
information about the LED detection
Bit
Bit Name
Default Access
Description
4:0
reserved
0
R
reserved - don’t use
5
fault_overtemp
0R
see Overtemperature Protection on page 11
0No fault
1
Junction temperature limit has been exceeded
6
fault_led_short
0R
see LED Short Circuit Protection on page 11
0No fault
1
A shorted LED is detected (pin LED_OUT)
7
fault_ovp
0R
see DCDC Overvoltage Protection on page 11
0No fault
1
An overvoltage condition is detected (pin VOUT)
Table 9. Register Map
Register
Definition
Addr
Default
Content
Name
b7
b6
b5
b4
b3
b2
b1
b0
Design Info
0
13h
fixed_id
Version Control
1
XXh
reserved
version
Current Set
2
B4h
flash_current
assist_c
urrent
ind_current
freq_swi
tch_on
current_mode
current if current_mode=10 or 11
Control
3
04h
external
_strobe
reserve
d
mode
flash_timer
Fault
4
00h
fault_ov
p
fault_le
d_short
fault_ov
ertemp
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com