Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3642 Datasheet(PDF) 10 Page - ams AG

Part # AS3642
Description  Ultra Small 500mA Inductive White LED Flash Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3642 Datasheet(HTML) 10 Page - ams AG

Back Button AS3642 Datasheet HTML 6Page - ams AG AS3642 Datasheet HTML 7Page - ams AG AS3642 Datasheet HTML 8Page - ams AG AS3642 Datasheet HTML 9Page - ams AG AS3642 Datasheet HTML 10Page - ams AG AS3642 Datasheet HTML 11Page - ams AG AS3642 Datasheet HTML 12Page - ams AG AS3642 Datasheet HTML 13Page - ams AG AS3642 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
www.austriamicrosystems.com/AS3642
1.2-2
9 - 26
AS3642
Datasheet - D e ta i l e d D e s c r i p t i o n
8 Detailed Description
The AS3642 is a high performance DCDC step up converter with internal PMOS and NMOS switches. The switching
frequency of 4MHz allows the use of tiny coils. Its output is connected to a flash LED by an internal current source.
The AS3642 is controlled by an I
2C interface. All timings and currents can be accurately adjusted by this interface. It
support following operating modes:
1. Flash mode (enabled by mode=11):
The LED current is defined by register flash_current. A timer defines the output flash duration (30ms...480ms
in 30ms steps defined by register flash_timer). The flash is started immediately after the end of the I
2C com-
mand.
If SCL and SDA are L for more than tTIMEOUT, shutdown mode is automatically entered.
2. Assist light mode (=video or torch light mode) (enabled by mode=10):
The LED current is defined by register assist_current. The current is enabled until another mode is chosen by
the interface.
If SCL and SDA are L for more than tTIMEOUT, shutdown mode is automatically entered.
3. Indicator light mode (enabled by mode=01):
The LED current is PWM modulated
1 by 1/32, 2/32, 3/32 or 4/32 (defined by register ind_current resulting in a
effective current of 1.35mA / 2.9mA / 4.4mA or 6.0mA. The current is enabled until another mode is chosen by
the interface.
If SCL and SDA are L for more than tTIMEOUT, shutdown mode is automatically entered
4. Shutdown mode (mode=00), SCL=0V, SDA=0V:
The DCDC and the current source is disabled and the AS3642 is configured to draw minimum current.
Internal Circuit
The AS3642 includes a fixed frequency DCDC step-up with accurate startup control. Together with the output current
source (on LED_OUT) it includes protection and safety functions as shown in the following internal blockdiagram:
Figure 16. AS3642 internal circuit
1. The PWM modulation frequency is 31.25kHz to avoid audible noise on the external capacitors.


 

 

 
 
 
! "#$%$&% '

(
! "#$)$*% '

 + +
,-+. ,
+/#  +
++ 
0 
  
+
.
  
*(-
1
2
/# .



  3
!&)4/ '
 
#5/+/#
1  /#
6
6
#5/
 
! "#$4$7 '
6
2
+.
+/#

8

  +
7
*4/
&)4/
+50
9
90



1
+
&44/
:
+1
+
AS3642



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com