Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3642 Datasheet(PDF) 18 Page - ams AG

Part # AS3642
Description  Ultra Small 500mA Inductive White LED Flash Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3642 Datasheet(HTML) 18 Page - ams AG

Back Button AS3642 Datasheet HTML 14Page - ams AG AS3642 Datasheet HTML 15Page - ams AG AS3642 Datasheet HTML 16Page - ams AG AS3642 Datasheet HTML 17Page - ams AG AS3642 Datasheet HTML 18Page - ams AG AS3642 Datasheet HTML 19Page - ams AG AS3642 Datasheet HTML 20Page - ams AG AS3642 Datasheet HTML 21Page - ams AG AS3642 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
www.austriamicrosystems.com/AS3642
1.2-2
17 - 26
AS3642
Datasheet - D e ta i l e d D e s c r i p t i o n
7:6
flash_current
10
R/W
Define the current on pin LED_OUT in flash mode if
current_mode=00 or 10
00
ILED_OUT = 260mA
01
ILED_OUT = 280mA
10
ILED_OUT = 300mA
11
ILED_OUT = 320mA
7:3
current
16h
R/W
Define the current on pin LED_OUT for flash and assist
mode (mode=10 or 11) if current_mode=01 or 11
current_mode =
01
11
0ILED_OUT = 10mA
15.6mA
1ILED_OUT = 20mA
31.25mA
2ILED_OUT = 30mA
46.875mA
...
1F
ILED_OUT = 320mA
500mA
1. Before changing current_mode register, write 0xA1 to register 0x80h (password protection). This sequence is
added to protect the flash LED against unintentional high currents for flash systems designed only up to
320mA.
Additionally do not change this register if the DCDC is operating.
2. For currents above 320mA, the AS3642 will always enable pulseskip mode (register setting of freq_switch_on
has no effect)
Table 6. Current Set Register (Continued)
Addr: 2
Current Set Register
This register defines the Current Settings
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com