Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V53C16258L Datasheet (PDF) - Mosel Vitelic, Corp

V53C16258L Datasheet PDF - Mosel Vitelic, Corp
Part # V53C16258L
Download  V53C16258L Download
File Size   154.88 Kbytes
Page   20 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description HIGH PERFORMANCE 3.3 VOLT 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH

V53C16258L Datasheet (PDF)

Go To PDF Page Download Datasheet
V53C16258L Datasheet PDF - Mosel Vitelic, Corp

Part # V53C16258L
Download  V53C16258L Click to download

File Size   154.88 Kbytes
Page   20 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description HIGH PERFORMANCE 3.3 VOLT 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH

V53C16258L Datasheet (HTML) - Mosel Vitelic, Corp


V53C16258L Product details

Description
The V53C16258L is a 262,144 x 16 bit high-performance CMOS dynamic random access memory. The V53C16258L offers Page mode with Extended Data Output. An address, CAS and RAS input capacitances are reduced to one quarter when the x4 DRAM is used to construct the same memory density. The V53C16258L has symmetric address and accepts 512 cycle 8ms interval.
All inputs are TTL compatible. EDO Page Mode operation allows random access up to 512 x 16 bits, within a page, with cycle times as short as 15ns.
The V53C16258L is ideally suited for a wide variety of high performance portable computer systems and peripheral applications.

Features
■ 256K x 16-bit organization
■ EDO Page Mode for a sustained data rate of 71 MHz
■ RAS access time: 35, 40, 45, 50 ns
■ Dual CAS Inputs
■ Low power dissipation
■ Read-Modify-Write, RAS-Only Refresh, CAS-Before-RAS Refresh, and Self Refresh
■ Optional Self Refresh (V53C16258SL)
■ Refresh Interval: Standard: 512 cycles/8ms
■ Available in 40-pin 400 mil SOJ and 40/44L-pin 400 mil TSOP-II packages
■ Single +3.3V ±0.3V Power Supply
■ TTL Interface




Similar Part No. - V53C16258L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16258H MOSEL-V53C16258H Datasheet
556Kb / 20P
HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258HK25 MOSEL-V53C16258HK25 Datasheet
556Kb / 20P
HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258HK30 MOSEL-V53C16258HK30 Datasheet
556Kb / 20P
HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258HK35 MOSEL-V53C16258HK35 Datasheet
556Kb / 20P
HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258HK40 MOSEL-V53C16258HK40 Datasheet
556Kb / 20P
HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
More results


Similar Description - V53C16258L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
V53C16258H MOSEL-V53C16258H Datasheet
556Kb / 20P
HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258SH MOSEL-V53C16258SH Datasheet
154Kb / 20P
HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM SELF REFRESH
V53C318165A MOSEL-V53C318165A Datasheet
266Kb / 18P
3.3 VOLT 1M X 16 EDO PAGE MODE CMOS DYNAMIC RAM
V53C518165A MOSEL-V53C518165A Datasheet
193Kb / 28P
1M x 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C808H MOSEL-V53C808H Datasheet
136Kb / 18P
HIGH PERFORMANCE 1M x 8 BIT EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C8258H MOSEL-V53C8258H Datasheet
219Kb / 18P
HIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM
V53C832L MOSEL-V53C832L Datasheet
178Kb / 18P
HIGH PERFORMANCE 3.3 VOLT 256K X 32 EDO PAGE MODE CMOS DYNAMIC RAM
logo
AMIC Technology
A428316 AMICC-A428316 Datasheet
268Kb / 25P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com