Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V53C832L Datasheet (PDF) - Mosel Vitelic, Corp

V53C832L Datasheet PDF - Mosel Vitelic, Corp
Part # V53C832L
Download  V53C832L Download
File Size   178.34 Kbytes
Page   18 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description HIGH PERFORMANCE 3.3 VOLT 256K X 32 EDO PAGE MODE CMOS DYNAMIC RAM

V53C832L Datasheet (PDF)

Go To PDF Page Download Datasheet
V53C832L Datasheet PDF - Mosel Vitelic, Corp

Part # V53C832L
Download  V53C832L Click to download

File Size   178.34 Kbytes
Page   18 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description HIGH PERFORMANCE 3.3 VOLT 256K X 32 EDO PAGE MODE CMOS DYNAMIC RAM

V53C832L Datasheet (HTML) - Mosel Vitelic, Corp


V53C832L Product details

Description
The V53C832L is a high speed 262,144 x 32 bit high performance CMOS dynamic random access memory. The V53C832L offers a combination of unique features including: EDO Page Mode operation for higher sustained bandwidth with Page Mode cycle times as short as 12ns. All inputs are TTL compatible. Input and output capacitance is significantly lowered to increase performance and minimize loading. These features make the V53C832L ideally suited for a wide variety of high performance computer systems and peripheral applications.

Features
■ 256K x 32-bit organization
■ EDO Page Mode for a sustained data rate of 83 MHz
■ RAS access time: 30, 35, 40 ns
■ Four CAS Inputs for Byte Read and Byte Write Control
■ Low power dissipation
■ Read-Modify-Write, RAS-Only Refresh, CAS-Before-RAS Refresh
■ Refresh Interval: 512 cycles/8 ms
■ Available in 100-pin PQFP and 100-pin LQFP packages
■ Single +3.3V ± 0.3V Power Supply
■ TTL Interface




Similar Part No. - V53C832L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C806H MOSEL-V53C806H Datasheet
135Kb / 18P
HIGH PERFORMANCE 1M x 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C806H40 MOSEL-V53C806H40 Datasheet
135Kb / 18P
HIGH PERFORMANCE 1M x 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C806H45 MOSEL-V53C806H45 Datasheet
135Kb / 18P
HIGH PERFORMANCE 1M x 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C806H50 MOSEL-V53C806H50 Datasheet
135Kb / 18P
HIGH PERFORMANCE 1M x 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C806H60 MOSEL-V53C806H60 Datasheet
135Kb / 18P
HIGH PERFORMANCE 1M x 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
More results


Similar Description - V53C832L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16258L MOSEL-V53C16258L Datasheet
154Kb / 20P
HIGH PERFORMANCE 3.3 VOLT 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258SH MOSEL-V53C16258SH Datasheet
154Kb / 20P
HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM SELF REFRESH
V53C316405A MOSEL-V53C316405A Datasheet
171Kb / 24P
3.3 VOLT 4M x 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C318165A MOSEL-V53C318165A Datasheet
266Kb / 18P
3.3 VOLT 1M X 16 EDO PAGE MODE CMOS DYNAMIC RAM
V53C8258H MOSEL-V53C8258H Datasheet
219Kb / 18P
HIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM
logo
Taiwan Memory Technolog...
T224162B TMT-T224162B Datasheet
143Kb / 9P
256K x 16 DYNAMIC RAM EDO PAGE MODE
logo
AMIC Technology
A428316 AMICC-A428316 Datasheet
268Kb / 25P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com