Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A42L8316 Datasheet (PDF) - AMIC Technology

A42L8316 Datasheet PDF - AMIC Technology
Part # A42L8316
Download  A42L8316 Download
File Size   273.18 Kbytes
Page   25 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE

A42L8316 Datasheet (PDF)

Go To PDF Page Download Datasheet
A42L8316 Datasheet PDF - AMIC Technology

Part # A42L8316
Download  A42L8316 Click to download

File Size   273.18 Kbytes
Page   25 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE

A42L8316 Datasheet (HTML) - AMIC Technology


A42L8316 Product details

General Description
The A42L8316 is a new generation randomly accessed memory for graphics, organized in a 262,144-word by 16- bit configuration. This product can execute Byte Write and Byte Read operation via two CAS pins.
The A42L8316 offers an accelerated Fast Page Mode cycle with a feature called Extended Data Out (EDO).
This allow random access of up to 512 words within a row at a 71/62/55 MHz EDO cycle, making the A42L8316 ideally suited for graphics, digital signal processing and high performance computing systems.

Features
■ Organization: 262,144 words X 16 bits
■ Part Identification
    - A42L8316 (512 Ref.)
■ Single 3.3V power supply/built-in VBB generator
■ Low power consumption
    - Operating: 110mA (-30 max)
    - Standby: 2.5mA (TTL), 1.5mA (CMOS) 1.0mA (Self-refresh current)
■ High speed
    - 30/35/40 ns RAS access time
    - 16/17/18 ns column address access time
    - 9/10/11 ns CAS access time
    - 14/16/18 ns EDO Page Mode Cycle Time
■ Industrial operating temperature range: -40°C to 85°C for -U
■ Fast Page Mode with Extended Data Out
■ Separate CAS (UCAS ,LCAS ) for byte selection
■ 512 Refresh Cycle in 8ms
■ Read-modify-write, RAS -only, CAS -before- RAS , Hidden refresh capability
■ TTL-compatible, three-state I/O
■ JEDEC standard packages
    - 400mil, 40-pin SOJ
    - 400mil, 40/44 TSOP type II package




Similar Part No. - A42L8316

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Similar Description - A42L8316

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T224162B TMT-T224162B Datasheet
143Kb / 9P
256K x 16 DYNAMIC RAM EDO PAGE MODE
logo
AMIC Technology
A426316B AMICC-A426316B Datasheet
419Kb / 25P
64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316 Datasheet
268Kb / 25P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com