Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF1Q Datasheet (PDF) - TAITRON Components Incorporated

GF1Q Datasheet PDF - TAITRON Components Incorporated
Part # GF1Q
Download  GF1Q Download
File Size   150.57 Kbytes
Page   5 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 1.0A Surface Mount Sintered Glass Passivated Rectifier

GF1Q Datasheet (PDF)

Go To PDF Page Download Datasheet
GF1Q Datasheet PDF - TAITRON Components Incorporated

Part # GF1Q
Download  GF1Q Click to download

File Size   150.57 Kbytes
Page   5 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 1.0A Surface Mount Sintered Glass Passivated Rectifier

GF1Q Datasheet (HTML) - TAITRON Components Incorporated


GF1Q Product details

1.0A Surface Mount Sintered Glass Passivated Rectifier



Features

•Low profile surface mounted package

•Sintered glass passivated cavity-free junction

•Plastic package has underwriters laboratory

  flammability classification 94V-0

•High temperature soldering: 260 °C / 10 seconds at terminals

•RoHS compliant




Similar Part No. - GF1Q

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GF1000 COOPER-GF1000 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
List of Unclassifed Man...
GF1000 ETC2-GF1000 Datasheet
307Kb / 2P
Ambient and accelerated cure schedules
GF1000SR ETC2-GF1000SR Datasheet
242Kb / 2P
Excellent slump resistance
logo
CUI Devices
GF1003 CUID-GF1003 Datasheet
1Mb / 3P
SPEAKER
08/05/2022
logo
CUI INC
GF1003M CUI-GF1003M Datasheet
269Kb / 2P
Square frame mylar cone - ferrite magnet
More results


Similar Description - GF1Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S1A DIODES-S1A Datasheet
54Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 8 - 2
logo
TAITRON Components Inco...
GF1A TAITRON-GF1A Datasheet
150Kb / 5P
1.0A Surface Mount Sintered Glass Passivated Rectifier
GL41A TAITRON-GL41A Datasheet
245Kb / 6P
1.0A Surface Mount Glass Passivated Rectifier
GP02-20 TAITRON-GP02-20 Datasheet
126Kb / 4P
1.0A Sintered Glass Passivated Rectifier
GP10A TAITRON-GP10A Datasheet
127Kb / 4P
1.0A Sintered Glass Passivated Rectifier
GP10Q TAITRON-GP10Q Datasheet
129Kb / 4P
1.0A Sintered Glass Passivated Rectifier
TCDR1DW TAITRON-TCDR1DW Datasheet
200Kb / 6P
1.0A Sintered Glass Passivated Fast Recovery Rectifier
TCDR1QW TAITRON-TCDR1QW Datasheet
202Kb / 7P
1.0A Sintered Glass Passivated Fast Recovery Rectifier
TCDT1DW TAITRON-TCDT1DW Datasheet
199Kb / 7P
1.0A Sintered Glass Passivated Standard Rectifier
TCDT1QW TAITRON-TCDT1QW Datasheet
201Kb / 7P
1.0A Sintered Glass Passivated Standard Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com