Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP10Q Datasheet (PDF) - TAITRON Components Incorporated

GP10Q Datasheet PDF - TAITRON Components Incorporated
Part # GP10Q
Download  GP10Q Download
File Size   129.95 Kbytes
Page   4 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 1.0A Sintered Glass Passivated Rectifier

GP10Q Datasheet (PDF)

Go To PDF Page Download Datasheet
GP10Q Datasheet PDF - TAITRON Components Incorporated

Part # GP10Q
Download  GP10Q Click to download

File Size   129.95 Kbytes
Page   4 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 1.0A Sintered Glass Passivated Rectifier

GP10Q Datasheet (HTML) - TAITRON Components Incorporated


GP10Q Product details

Features

• Sintered glass passivated (SGP) rectifier chip

• Capable of meeting environmental standards of MIL-S-19500

• 1.0A operation at TA=75° C and 55° C with no thermal runaway

• High temperature soldering guaranteed: 260°C/10 seconds /.0375" (9.5mm) lead length, 5lbs (2.3kg) tension

• RoHS Compliance



Mechanical Data

Case: JEDEC DO-204AL(DO-41) molded plastic body

Epoxy: Plastic package has UL flammability classification 94V-0

Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026

Polarity: Color band denotes cathode end

Weight: 0.012 ounces, 0.3 gram




Similar Part No. - GP10Q

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP10Q ZOWIE-GP10Q Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GP10Q GE-GP10Q Datasheet
61Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GP10Q VISHAY-GP10Q Datasheet
77Kb / 4P
Glass Passivated Junction Rectifier
15-Mar-11
GP10Q VISHAY-GP10Q Datasheet
77Kb / 4P
Glass Passivated Junction Plastic Rectifier
13-Apr-17
logo
Zowie Technology Corpor...
GP10QH ZOWIE-GP10QH Datasheet
103Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
More results


Similar Description - GP10Q

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
EGF1A TAITRON-EGF1A Datasheet
139Kb / 4P
1.0A Sintered Glass Passivated Super Fast Rectifier
GF1A TAITRON-GF1A Datasheet
150Kb / 5P
1.0A Surface Mount Sintered Glass Passivated Rectifier
GF1Q TAITRON-GF1Q Datasheet
150Kb / 5P
1.0A Surface Mount Sintered Glass Passivated Rectifier
GP02-20 TAITRON-GP02-20 Datasheet
126Kb / 4P
1.0A Sintered Glass Passivated Rectifier
GP10A TAITRON-GP10A Datasheet
127Kb / 4P
1.0A Sintered Glass Passivated Rectifier
RGF1A TAITRON-RGF1A Datasheet
173Kb / 6P
1.0A Sintered Glass Passivated Fast Recovery Rectifier
TCDR1DW TAITRON-TCDR1DW Datasheet
200Kb / 6P
1.0A Sintered Glass Passivated Fast Recovery Rectifier
TCDR1QW TAITRON-TCDR1QW Datasheet
202Kb / 7P
1.0A Sintered Glass Passivated Fast Recovery Rectifier
TCDT1DW TAITRON-TCDT1DW Datasheet
199Kb / 7P
1.0A Sintered Glass Passivated Standard Rectifier
TCDT1QW TAITRON-TCDT1QW Datasheet
201Kb / 7P
1.0A Sintered Glass Passivated Standard Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com