Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP5010 Datasheet (PDF) - TAITRON Components Incorporated

KP5010 Datasheet PDF - TAITRON Components Incorporated
Part # KP5010
Download  KP5010 Download
File Size   189.63 Kbytes
Page   6 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description High Reliability Photo Coupler

KP5010 Datasheet (PDF)

Go To PDF Page Download Datasheet
KP5010 Datasheet PDF - TAITRON Components Incorporated

Part # KP5010
Download  KP5010 Click to download

File Size   189.63 Kbytes
Page   6 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description High Reliability Photo Coupler

KP5010 Datasheet (HTML) - TAITRON Components Incorporated


KP5010 Product details

High Reliability Photo Coupler

Features
• High current transfer ratio (VCEO: 300V MIN)
   (CTR: MIN.600% at IF=1mA, Vce=2V)
• High isolation voltage between input and output (Viso: 5000Vrms)
• Compact dual-in-line package
• Available package: DIP / SMD / H

Applications
• System appliances, measuring instruments
• Industrial robots
• Copies, automatic vending machines
• Signal transmission between circuits of different potentials and impedances
• Telephone sets
• Copiers, facsimiles
• Interface with various power supply circuits, power distribution boards
• Numerical control machines




Similar Part No. - KP5010

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP5010 COSMO-KP5010 Datasheet
253Kb / 2P
High Reliability Photo Coupler
KP5010 COSMO-KP5010 Datasheet
122Kb / 6P
High Reliability Photocoupler
KP50100ATL COSMO-KP50100ATL Datasheet
286Kb / 11P
6PIN PHOTODARLINGTON PHOTOCOUPLER
KP50100ATLD COSMO-KP50100ATLD Datasheet
286Kb / 11P
6PIN PHOTODARLINGTON PHOTOCOUPLER
KP50100ATR COSMO-KP50100ATR Datasheet
286Kb / 11P
6PIN PHOTODARLINGTON PHOTOCOUPLER
More results


Similar Description - KP5010

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP1020 COSMO-KP1020 Datasheet
327Kb / 2P
High Reliability Photo Coupler
KP1040 COSMO-KP1040 Datasheet
330Kb / 2P
High Reliability Photo Coupler
KP6010 COSMO-KP6010 Datasheet
328Kb / 2P
High Reliability Photo Coupler
K1010 COSMO-K1010 Datasheet
263Kb / 2P
High Reliability Photo Coupler
KP4010 COSMO-KP4010 Datasheet
249Kb / 2P
High Reliability Photo Coupler
KPC355NT COSMO-KPC355NT Datasheet
274Kb / 2P
High Reliability Photo Coupler
KP5010 COSMO-KP5010 Datasheet
253Kb / 2P
High Reliability Photo Coupler
K2010 COSMO-K2010 Datasheet
409Kb / 2P
High Reliability Photo Coupler
KPC4N33 COSMO-KPC4N33 Datasheet
403Kb / 2P
High Reliability Photo Coupler
logo
TAITRON Components Inco...
KPC4N33 TAITRON-KPC4N33 Datasheet
172Kb / 6P
High Reliability Photo Coupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com