Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP4010 Datasheet (PDF) - COSMO Electronics Corporation

KP4010 Datasheet PDF - COSMO  Electronics Corporation
Part # KP4010
Download  KP4010 Download
File Size   249.6 Kbytes
Page   2 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description High Reliability Photo Coupler

KP4010 Datasheet (PDF)

Go To PDF Page Download Datasheet
KP4010 Datasheet PDF - COSMO  Electronics Corporation

Part # KP4010
Download  KP4010 Click to download

File Size   249.6 Kbytes
Page   2 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description High Reliability Photo Coupler

KP4010 Datasheet (HTML) - COSMO Electronics Corporation


KP4010 Product details

KP SERIES

• A DIVERSE RANGE OF OPTOCOUPLERS, OFFERING 5,000V RMS ISOLATION
• MINIMUM 60% CURRENT TRANSFER RATIO, 600% FOR DARLINGTON OUTPUT
• PARTS SELECTED ACCORDING TO CURRENT TRANSFER RATIO
• FROM 4 TO 16 PIN SMD PACKAGE WITH 2.54mm PITCH
• KP1000: 1 TO 4 CHANNELS, DC INPUT, OPEN COLLECTOR OUTPUT
• KP2000: 1 CHANNEL, DC INPUT, BASE CONNECTION TO OPEN COLLECTOR OUTPUT
• KP3000: 1 TO 4 CHANNELS, AC INPUT, OPEN COLLECTOR OUTPUT
• KP4000: 1 TO 4 CHANNELS, DC INPUT, OPEN COLLECTOR DARLINGTON OUTPUT
• KP5000: 1 CHANNEL, DC INPUT, BASE CONNECTION TO OPEN COLLECTOR DARLINGTON OUTPUT
• KP6000: 1 CHANNEL, AC INPUT, BASE CONNECTION TO OPEN COLLECTOR OUTPUT
• KP7000: 1 CHANNEL, DC INPUT, AMPLIFIED OUTPUT WITH HYSTERESIS, BUILT IN PULL-UP RESISTOR GIVING TTL AND LS TTL COMPATIBLE OUTPUT
• FUNCTIONALLY EQUIVALENT TO INDUSTRY STANDARD PARTS FROM MOTOROLA, TOSHIBA, GE, SIEMENS, TELEFUNKEN, TEXAS INSTRUMENTS AND NEC




Similar Part No. - KP4010

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP4010 COSMO-KP4010 Datasheet
57Kb / 1P
ELECTRONICS CORPORATION
KP40101ATLD COSMO-KP40101ATLD Datasheet
287Kb / 11P
4PIN PHOTODARLINGTON PHOTOCOUPLER
KP40101ATRU COSMO-KP40101ATRU Datasheet
287Kb / 11P
4PIN PHOTODARLINGTON PHOTOCOUPLER
KP40101BTLD COSMO-KP40101BTLD Datasheet
287Kb / 11P
4PIN PHOTODARLINGTON PHOTOCOUPLER
KP40101BTRU COSMO-KP40101BTRU Datasheet
287Kb / 11P
4PIN PHOTODARLINGTON PHOTOCOUPLER
More results


Similar Description - KP4010

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP1020 COSMO-KP1020 Datasheet
327Kb / 2P
High Reliability Photo Coupler
KP1040 COSMO-KP1040 Datasheet
330Kb / 2P
High Reliability Photo Coupler
KP6010 COSMO-KP6010 Datasheet
328Kb / 2P
High Reliability Photo Coupler
K1010 COSMO-K1010 Datasheet
263Kb / 2P
High Reliability Photo Coupler
KPC355NT COSMO-KPC355NT Datasheet
274Kb / 2P
High Reliability Photo Coupler
KP5010 COSMO-KP5010 Datasheet
253Kb / 2P
High Reliability Photo Coupler
K2010 COSMO-K2010 Datasheet
409Kb / 2P
High Reliability Photo Coupler
KPC4N33 COSMO-KPC4N33 Datasheet
403Kb / 2P
High Reliability Photo Coupler
logo
TAITRON Components Inco...
KP5010 TAITRON-KP5010 Datasheet
189Kb / 6P
High Reliability Photo Coupler
KPC4N33 TAITRON-KPC4N33 Datasheet
172Kb / 6P
High Reliability Photo Coupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com