Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7261 Datasheet (PDF) - STMicroelectronics

ST7261 Datasheet PDF - STMicroelectronics
Part # ST7261
Download  ST7261 Download
File Size   1188.67 Kbytes
Page   80 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, ROM MEMORY, LVD, WDG, TIMER

ST7261 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7261 Datasheet PDF - STMicroelectronics

Part # ST7261
Download  ST7261 Click to download

File Size   1188.67 Kbytes
Page   80 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, ROM MEMORY, LVD, WDG, TIMER

ST7261 Datasheet (HTML) - STMicroelectronics


ST7261 Product details

INTRODUCTION
The ST7261, ST72P61 and ST72F61 devices are members of the ST7 microcontroller family designed for USB applications. All devices are based on a common industrystandard 8-bit core, featuring an enhanced instruction set.
The ST7261 ROM and ST72P61 FASTROM (Factory Advanced Service Technique ROM) devices are factory-programmed and are not reprogrammable.
The ST72F61 versions feature dual-voltage FLASH memory with In-Circuit Programming (ICP) capability.
Under software control, all devices can be placed in WAIT, SLOW, or HALT mode, reducing power consumption when the application is in idle or standby state.
The enhanced instruction set and addressing modes of the ST7 offer both power and flexibility to software developers, enabling the design of highly efficient and compact application code. In addition to standard 8-bit data management, all ST7 microcontrollers feature true bit manipulation, 8x8 unsigned multiplication and indirect addressing modes.

■ Memories
   – 4K Program memory (ROM, FASTROM or Dual voltage FLASH) with read-write protection. In-Circuit programming for Flash versions
   – 256 bytes RAM memory (128-byte stack)
■ Clock, Reset and Supply Management
   – Enhanced Reset System (Power On Reset)
   – Low Voltage Detector (LVD)
   – Clock-out capability
   – 6 or 12 MHz Oscillator (8, 4, 2, 1 MHz internal freq.)
   – 3 Power saving modes: Halt, Wait and Slow
■ USB (Universal Serial Bus) Interface
   – DMA for low speed applications compliant with USB 1.5 Mbs specification (v 1.1) and USB HID specification (v 1.0):
   – Integrated 3.3V voltage regulator and transceivers
   – Suspend and Resume operations
   – 3 Endpoints
■ 11 I/O Ports
   – 11 multifunctional bidirectional I/O lines
   – Up to 7 External interrupts (2 vectors)
   – 8 high sink outputs (8mA@0.4 V/20mA@1.3)
■ 2 Timers
   – Configurable watchdog timer (8 to 500ms timeout)
   – 8-bit Time Base Unit (TBU) for generating periodic interrupts
■ Instruction Set
   – 8-bit data manipulation
   – 63 basic instructions
   – 17 main addressing modes
   – 8 x 8 unsigned multiply instruction
   – True bit manipulation
■ Development Tools
   – Full hardware/software development package




Similar Part No. - ST7261

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7260 STMICROELECTRONICS-ST7260 Datasheet
2Mb / 117P
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
02-Nov-2006
ST7260E1M1/XXX STMICROELECTRONICS-ST7260E1M1/XXX Datasheet
2Mb / 117P
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
02-Nov-2006
ST7260E2M1/XXX STMICROELECTRONICS-ST7260E2M1/XXX Datasheet
2Mb / 117P
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
02-Nov-2006
ST7260K1U1/XXX STMICROELECTRONICS-ST7260K1U1/XXX Datasheet
2Mb / 117P
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
02-Nov-2006
ST7260K2U1/XXX STMICROELECTRONICS-ST7260K2U1/XXX Datasheet
2Mb / 117P
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
02-Nov-2006
More results


Similar Description - ST7261

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7262 STMICROELECTRONICS-ST7262 Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
Rev. 2.2
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
Aug-2000
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I²C
Apr-2003
ST92163 STMICROELECTRONICS-ST92163 Datasheet
1Mb / 224P
8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
Rev. 1.9
ST7263BDX STMICROELECTRONICS-ST7263BDX Datasheet
2Mb / 145P
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
Aug-2007
ST7262 STMICROELECTRONICS-ST7262_06 Datasheet
1Mb / 139P
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
20-Mar-2006
ST7263BHX STMICROELECTRONICS-ST7263BHX_09 Datasheet
2Mb / 186P
Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
12-Jun-2009
logo
Holtek Semiconductor In...
HT82A520R HOLTEK-HT82A520R_10 Datasheet
513Kb / 72P
Full Speed USB 8-Bit OTP MCU with SPI
HT82A520R HOLTEK-HT82A520R_11 Datasheet
531Kb / 72P
Full Speed USB 8-Bit OTP MCU with SPI
January 14, 2011
logo
STMicroelectronics
ST7262XXX STMICROELECTRONICS-ST7262XXX Datasheet
1Mb / 139P
Low speed USB 8-bit MCU with 3 endpoints
11-Jun-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com