Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358B Datasheet (PDF) - TAITRON Components Incorporated

LM358B Datasheet PDF - TAITRON Components Incorporated
Part # LM358B
Download  LM358B Download
File Size   634.79 Kbytes
Page   10 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description Dual Low Offset Operational Amplifier

LM358B Datasheet (PDF)

Go To PDF Page Download Datasheet
LM358B Datasheet PDF - TAITRON Components Incorporated

Part # LM358B
Download  LM358B Click to download

File Size   634.79 Kbytes
Page   10 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description Dual Low Offset Operational Amplifier

LM358B Datasheet (HTML) - TAITRON Components Incorporated


LM358B Product details

General Description
• The LM358A/B series consist of two independent, high gain and internally frequency compensated operational amplifiers. They can specifically designed to operate from a single power supply. Operation from split power supply is also possible and the low power supply current drain is independent of the magnitude of the power supply voltages.
• The LM358A/B is available in SOP-8 and DIP-8 packages.

Features
• Internally frequency compensated for unity gain
• Large DC voltage gain: 100dB Typical
• Wide power supply range:
   Single Supply: 3V to 36 V
   Dual Supplies: ±1.5V to ±18V
• Input common-mode voltage range include ground
• RoHS Compliance

Applications
• Battery Charger
• Cordless Telephone
• Switching Power Supply




Similar Part No. - LM358B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM358B TI1-LM358B Datasheet
1Mb / 47P
Industry-Standard Dual Operational Amplifiers
LM358B TI1-LM358B Datasheet
2Mb / 48P
Industry-Standard Dual Operational Amplifiers
LM358B TI1-LM358B Datasheet
3Mb / 56P
Industry-Standard Dual Operational Amplifiers
LM358B TI1-LM358B Datasheet
3Mb / 56P
Industry-Standard Dual Operational Amplifiers
LM358B TI-LM358B Datasheet
3Mb / 56P
Industry-Standard Dual Operational Amplifiers
More results


Similar Description - LM358B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-200 AD-OP-200 Datasheet
602Kb / 10P
DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP200 AD-OP200 Datasheet
369Kb / 12P
Dual Low Offset, Low Power Operational Amplifier
OP200 AD-OP200_04 Datasheet
393Kb / 12P
Dual Low Offset, Low Power Operational Amplifier
REV. B
OP200GZ AD-OP200GZ Datasheet
329Kb / 16P
Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
Dual Low Offset, Low Power Operational Amplifier
Rev. E
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
Dual Low Offset, Low Power Operational Amplifier
Rev. E
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP227 AD-OP227_15 Datasheet
487Kb / 16P
Dual, Low Noise, Low Offset Instrumentation Operational Amplifier
REV. A
OP227 AD-OP227_17 Datasheet
557Kb / 6P
Dual, Low-Offset Low Noise Operational Amplifier
18-Jul-2017
OP200 AD-OP200_17 Datasheet
410Kb / 17P
Dual Low Offset, Low Power Operational Amplifier
28-Mar-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com