Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP200 Datasheet (PDF) - Analog Devices

OP200 Datasheet PDF - Analog Devices
Part # OP200
Download  OP200 Download
File Size   369.51 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Low Offset, Low Power Operational Amplifier

OP200 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP200 Datasheet PDF - Analog Devices

Part # OP200
Download  OP200 Click to download

File Size   369.51 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Low Offset, Low Power Operational Amplifier

OP200 Datasheet (HTML) - Analog Devices


OP200 Product details

GENERAL DESCRIPTION
The OP200 is the first monolithic dual operational amplifier to offer OP77 type precision performance. Available in the industry standard 8-lead pinout, the OP200 combines precision performance with the space and cost savings offered by a dual amplifier.
The OP200 features an extremely low input offset voltage of less than 75 µV with a drift below 0.5 µV/°C, guaranteed over the full military temperature range. Open-loop gain of the OP200 exceeds 5,000,000 into a 10 kΩ load; input bias current is under 2 nA; CMRR is over 120 dB; and PSRR is below 1.8 µV/V. On-chip Zener zap trimming is used to achieve the extremely low input offset voltage of the OP200 and eliminates the need for offset pulling.
Power consumption of the OP200 is low, with each amplifier drawing less than 725 µA of supply current. The total current drawn by the dual OP200 is less than one-half that of a single OP07, yet the OP200 offers significant improvements over this industry-standard op amp. The voltage noise density of the OP200, 11 nV/√Hz at 1 kHz, is half that of most competitive devices.
The OP200 is pin compatible with the OP221, LM158, MC1458/MC1558, and LT1013.
The OP200 is an ideal choice for applications requiring multiple precision op amps and where low power consumption is critical.
For a quad precision op amp, see the OP400.

FEATURES
   Low input offset voltage: 75 µV maximum
   Low offset voltage drift, over −55°C < TA < +125°C 0.5 µV/°C maximum
   Low supply current (per amplifier): 725 µA maximum
   High open-loop gain: 5000 V/mV minimum
   Low input bias current: 2 nA maximum
   Low noise voltage density: 11 nV/√Hz at 1 kHz
   Stable with large capacitive loads: 10 nF typical




Similar Part No. - OP200

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP200 OPTEK-OP200 Datasheet
245Kb / 3P
Infrared Light Emitting Diode
logo
Analog Devices
OP200 AD-OP200 Datasheet
393Kb / 12P
Dual Low Offset, Low Power Operational Amplifier
REV. B
OP200 AD-OP200 Datasheet
329Kb / 16P
Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200 Datasheet
329Kb / 16P
Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200 Datasheet
329Kb / 16P
Dual Low Offset, Low Power Operational Amplifier
Rev. E
More results


Similar Description - OP200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-200 AD-OP-200 Datasheet
602Kb / 10P
DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP400 AD-OP400_07 Datasheet
389Kb / 16P
Quad Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200_04 Datasheet
393Kb / 12P
Dual Low Offset, Low Power Operational Amplifier
REV. B
logo
TAITRON Components Inco...
LM358A TAITRON-LM358A Datasheet
634Kb / 10P
Dual Low Offset Operational Amplifier
logo
Analog Devices
OP200GZ AD-OP200GZ Datasheet
329Kb / 16P
Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
Dual Low Offset, Low Power Operational Amplifier
Rev. E
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
Dual Low Offset, Low Power Operational Amplifier
Rev. E
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP227 AD-OP227_17 Datasheet
557Kb / 6P
Dual, Low-Offset Low Noise Operational Amplifier
18-Jul-2017
OP200 AD-OP200_17 Datasheet
410Kb / 17P
Dual Low Offset, Low Power Operational Amplifier
28-Mar-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com