Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP200 Datasheet(PDF) 2 Page - Analog Devices

Part # OP200
Description  Dual Low Offset, Low Power Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP200 Datasheet(HTML) 2 Page - Analog Devices

  OP200 Datasheet HTML 1Page - Analog Devices OP200 Datasheet HTML 2Page - Analog Devices OP200 Datasheet HTML 3Page - Analog Devices OP200 Datasheet HTML 4Page - Analog Devices OP200 Datasheet HTML 5Page - Analog Devices OP200 Datasheet HTML 6Page - Analog Devices OP200 Datasheet HTML 7Page - Analog Devices OP200 Datasheet HTML 8Page - Analog Devices OP200 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. A
–2–
OP200–SPECIFICATIONS
(VS =
±15 V, TA = 25 C, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS
OP200A/E
OP200F
OP200G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VOS
25
75
50
150
80
200
mV
Long Term Input
Voltage Stability
0.1
0.1
0.1
mV/mo
Input Offset Current IOS
VCM = 0 V
0.05
1.0
0.05
2.0
0.05
3.5
nA
Input Bias Current
IB
VCM = 0 V
0.1
2.0
0.1
4.0
0.1
5.0
nA
Input Noise Voltage
en p-p
0.1 Hz to 10 Hz
0.5
0.5
0.5
mVp-p
Input Noise
en
fO = 10 Hz
22
36
22
36
22
nV/ Hz
Voltage Density
1
fO = 1000 Hz
11
18
11
18
11
Input Noise Current
in p-p
0.1 Hz to 10 Hz
15
15
15
pAp-p
Input Noise
Current Density
in
fO = 10 Hz
0.4
0.4
0.4
pA/ Hz
Input Resistance
Differential Mode
RIN
10
10
10
M
W
Input Resistance
Common Mode
RINCM
125
125
125
G
W
Large Signal
AVO
VO -
±10 V
Voltage Gain
RL = 10 k
W
5000
12000
3000
7000
3000
7000
RL = 2 k
W
2000
3700
1500
3200
1500
3200
M/mV
NOTES
1Sample tested
2Guaranteed but not 100% tested
3Guaranteed by CMR test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com