Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP200 Datasheet(PDF) 4 Page - Analog Devices

Part # OP200
Description  Dual Low Offset, Low Power Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP200 Datasheet(HTML) 4 Page - Analog Devices

  OP200 Datasheet HTML 1Page - Analog Devices OP200 Datasheet HTML 2Page - Analog Devices OP200 Datasheet HTML 3Page - Analog Devices OP200 Datasheet HTML 4Page - Analog Devices OP200 Datasheet HTML 5Page - Analog Devices OP200 Datasheet HTML 6Page - Analog Devices OP200 Datasheet HTML 7Page - Analog Devices OP200 Datasheet HTML 8Page - Analog Devices OP200 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. A
–4–
OP200–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
OP200E
OP200F
OP200G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VOS
35
100
80
250
110
300
mV
Average Input Offset
Voltage Drift
TCVOS
0.2
0.5
0.5
1.5
0.6
2.0
mV/∞C
Input Offset Current IOS
VCM = 0 V
0.08
2.5
0.08
3.5
0.1
6.0
nA
Input Bias Current
IB
VCM = 0 V
0 3
5.0
0.3
70
0.5
10.0
nA
Large-Signal
VO =
±10 V
Voltage Gain
AVO
RL= 10 k
W
3000
10000
2000
5000
2000
5000
V/mV
RL = 2 k
W
1500
3200
1000
2500
1000
2500
V/mV
Input Voltage
Range
*
IVR
±12
±12.5
±12 ±12.5
±12 ±12.5
V
Common-Mode
Rejection
CMR
VCM =
±12 V
115
130
110
130
105
130
dB
Power Supply
PSRR
VS =
±3 V
0.15
3.2
0.15
5.6
0.3
10.0
mV/V
Rejection Ratio
to
±18 V
Output Voltage
VO
RL = 10 k
W±12
±12.4
±12 ±12.4
±12 ±12.4
V
Swing
RL = 2 k
W±11
±12
±11 ±12
±11 ±12.2
V
Supply Current
Per Amplifier
ISY
No Load
600
775
600
775
600
775
mA
Capacitive Load
AV = 1
10
1010
nF
Stability
No Oscillations
10
10
10
nF
NOTE
*Guaranteed by CMR test.
(VS =
±15 V, –40 C £ TA £ +85 C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com