Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM431A Datasheet (PDF) - TAITRON Components Incorporated

LM431A Datasheet PDF - TAITRON Components Incorporated
Part # LM431A
Download  LM431A Download
File Size   768.55 Kbytes
Page   14 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description Shunt Regulator

LM431A Datasheet (PDF)

Go To PDF Page Download Datasheet
LM431A Datasheet PDF - TAITRON Components Incorporated

Part # LM431A
Download  LM431A Click to download

File Size   768.55 Kbytes
Page   14 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description Shunt Regulator

LM431A Datasheet (HTML) - TAITRON Components Incorporated


LM431A Product details

General Description
• The LM431 Series ICs are three-terminal programmable shunt regulators with guaranteed thermal stability over a full operation range. These monolithic ICs voltage reference operate as a low temperature coefficient Zener which is programmable from Vref to 36V with two external resistors. These devices exhibit a wide operating current range of 1.0 to 100mA with a typical dynamic impedance of 0.15 to 0.22Ω. The characteristics of these references make them excellent replacements for Zener diodes in many applications such as digital voltmeters, power supplies and op amp circuitry The 2.5V reference makes it convenient to obtain a stable reference from 5.0V logic supplies, and since the LM431 series operates as a shunt regulator, it can be used as either a positive or negative voltage reference.
• The output voltage of both types can be set to any value between VREF (2.5V) and the corresponding maximum cathode voltage.
.

Features
• Programmable Precise Output Voltage from 2.5V to 36V
• High Stability under Capacitive Load
• Low Temperature Deviation
• Can be used in either positive or negative Voltage reference
• Low Dynamic Output Impedance: 0.15 to 0.22Ω Typical
• Operating Current from 1.0mA to 100mA
• Low Output Noise Voltage
• RoHS Compliance

Applications
• Charger
• Voltage Adapter
• Switching Power Supply
• Graphic Card
• Precision Voltage Reference




Similar Part No. - LM431A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
135Kb / 12P
Programmable Shunt Regulator
logo
HTC Korea TAEJIN Techno...
LM431A HTC-LM431A Datasheet
284Kb / 9P
PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
ON Semiconductor
LM431A ONSEMI-LM431A Datasheet
356Kb / 13P
Programmable Shunt Regulator
June 2013 Rev. 1.2.0
logo
NXP Semiconductors
LM431AC PHILIPS-LM431AC Datasheet
189Kb / 16P
Adjustable precision shunt regulators
1997 Feb 25
More results


Similar Description - LM431A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17431H HITACHI-HA17431H Datasheet
146Kb / 15P
Shunt Regulator
logo
List of Unclassifed Man...
LM431L ETC2-LM431L Datasheet
754Kb / 13P
Shunt Regulator
logo
Renesas Technology Corp
HA17431VPJ RENESAS-HA17431VPJ Datasheet
326Kb / 18P
Shunt Regulator
logo
TAITRON Components Inco...
LM431L TAITRON-LM431L Datasheet
754Kb / 13P
Shunt Regulator
logo
Renesas Technology Corp
HA17L431 RENESAS-HA17L431 Datasheet
130Kb / 10P
Shunt Regulator
HA17431H RENESAS-HA17431H Datasheet
96Kb / 7P
Shunt Regulator
logo
Sirectifier Global Corp...
TL431 SIRECT-TL431 Datasheet
677Kb / 4P
Shunt Regulator
logo
Renesas Technology Corp
HA17431 RENESAS-HA17431_15 Datasheet
323Kb / 21P
Shunt Regulator
HA17431H RENESAS-HA17431H_15 Datasheet
186Kb / 8P
Shunt Regulator
HA17L431HA17L431A RENESAS-HA17L431HA17L431A_15 Datasheet
217Kb / 11P
Shunt Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com