Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV358 Datasheet (PDF) - TAITRON Components Incorporated

LMV358 Datasheet PDF - TAITRON Components Incorporated
Part # LMV358
Download  LMV358 Download
File Size   1149.87 Kbytes
Page   18 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description Dual Low Voltage Operational Amplifier

LMV358 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV358 Datasheet PDF - TAITRON Components Incorporated

Part # LMV358
Download  LMV358 Click to download

File Size   1149.87 Kbytes
Page   18 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description Dual Low Voltage Operational Amplifier

LMV358 Datasheet (HTML) - TAITRON Components Incorporated


LMV358 Product details

Dual Low Voltage Operational Amplifier
   
General Description
• The LMV358 are low voltage (2.7-5.5V) versions of the dual
    and quad commodity op amps.
• The LMV358 are the most cost effective solutions for the
    applications where low voltage operation, space saving and
    low price are needed.
• The LMV358 have rail-to-rail output swing capability and the
    input common-mode voltage range includes ground. They all
    exhibit excellent speed-power ratio, achieving 1MHz of bandwidth
    and 1V/µs of slew rate with low supply current.
• The LMV358 have bipolar input and output stages for improved noise
    performance and higher output current drive.
• The LMV358 is available in SOP-8, DIP-8, TSSOP-8 and MSOP-8 packages
   
Features
(For V⎯ =5V and V+ =0V. Typical Unless Otherwise Noted)
• Guaranteed 2.7V and 5V performance
• No crossover distortion, space saving package
• Industrial temp. range, VCM -0.2V to V⎯ -0.8V
• Gain-Bandwidth product; Low supply current: 210µA
• Rail-to-Rail output swing @10KΩ load (V⎯ 10mV, V+ 65mV)
• RoHS Compliance
   
Applications
• Battery Charger
• Cordless Telephone
• Switching Power Supply
   




Similar Part No. - LMV358

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV358 NSC-LMV358 Datasheet
1Mb / 27P
General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Fairchild Semiconductor
LMV358 FAIRCHILD-LMV358 Datasheet
515Kb / 16P
General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMV358 TI-LMV358 Datasheet
792Kb / 31P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358 TI-LMV358 Datasheet
928Kb / 32P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LMV358 STMICROELECTRONICS-LMV358 Datasheet
199Kb / 14P
Low cost low power input/output rail-to-rail operational amplifiers
20-Feb-2008
More results


Similar Description - LMV358

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7018 NJRC-NJU7018 Datasheet
116Kb / 4P
LOW-VOLTAGE OPERATION DUAL C-MOS OPERATIONAL AMPLIFIER????
logo
ON Semiconductor
MC3405 ONSEMI-MC3405 Datasheet
182Kb / 12P
DUAL OPERATIONAL AMPLIFIER / DUAL VOLTAGE COMPARATOR
REV 1
logo
NXP Semiconductors
NE5230 PHILIPS-NE5230 Datasheet
189Kb / 17P
Low voltage operational amplifier
1994 Aug 31
logo
TOKO, Inc
TK17010 TOKO-TK17010 Datasheet
47Kb / 8P
LOW VOLTAGE OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2650 BURR-BROWN-OPA2650 Datasheet
215Kb / 12P
Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
ON Semiconductor
NE5230 ONSEMI-NE5230 Datasheet
245Kb / 18P
Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
logo
Unisonic Technologies
LM833 UTC-LM833 Datasheet
149Kb / 5P
DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
LM833 UTC-LM833_15 Datasheet
149Kb / 5P
DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
logo
ON Semiconductor
NE5230 ONSEMI-NE5230_10 Datasheet
211Kb / 18P
Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com