Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE5230 Datasheet (PDF) - NXP Semiconductors

NE5230 Datasheet PDF - NXP Semiconductors
Part # NE5230
Download  NE5230 Download
File Size   189.93 Kbytes
Page   17 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low voltage operational amplifier

NE5230 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE5230 Datasheet PDF - NXP Semiconductors

Part # NE5230
Download  NE5230 Click to download

File Size   189.93 Kbytes
Page   17 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low voltage operational amplifier

NE5230 Datasheet (HTML) - NXP Semiconductors


NE5230 Product details

DESCRIPTION

The NE5230 is a very low voltage operational amplifier that can perform with a voltage supply as low as 1.8V or as high as 15V. In addition, split or single supplies can be used, and the output will

swing to ground when applying the latter. There is a bias adjusting pin which controls the supply current required by the device and thereby controls its power consumption. If the part is operated at ±0.9V supply voltages, the current required is only 110µA when the current control pin is left open. Even with this low power consumption, the device obtains a typical unity gain bandwidth of

180kHz. When the bias adjusting pin is connected to the negative supply, the unity gain bandwidth is typically 600kHz while the supply current is increased to 600µA. In this mode, the part will supply full power output beyond the audio range.



FEATURES

•Works down to 1.8V supply voltages

•Adjustable supply current

•Low noise

•Common-mode includes both rails

• VOUT within 100mV of both rails




Similar Part No. - NE5230

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NE5230 ONSEMI-NE5230 Datasheet
245Kb / 18P
Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
NE5230 ONSEMI-NE5230 Datasheet
211Kb / 18P
Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
NE5230D ONSEMI-NE5230D Datasheet
245Kb / 18P
Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
NE5230DG ONSEMI-NE5230DG Datasheet
245Kb / 18P
Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
NE5230DG ONSEMI-NE5230DG Datasheet
211Kb / 18P
Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
More results


Similar Description - NE5230

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK17010 TOKO-TK17010 Datasheet
47Kb / 8P
LOW VOLTAGE OPERATIONAL AMPLIFIER
logo
Advanced Monolithic Sys...
AMSOP-07 ADMOS-AMSOP-07 Datasheet
66Kb / 6P
LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
Maxim Integrated Produc...
MAX400 MAXIM-MAX400 Datasheet
151Kb / 4P
Ultra Low Offset Voltage Operational Amplifier
Rev 0; 1988
OP07 MAXIM-OP07 Datasheet
262Kb / 8P
Low Offset Voltage Operational Amplifier
Rev 1; 8/95
OP90 MAXIM-OP90 Datasheet
234Kb / 8P
Precision Low Voltage Micropower Operational Amplifier
19-2478 10/89
logo
Analog Devices
OP490 AD-OP490 Datasheet
1Mb / 16P
Low Voltage Micropower Quad Operational Amplifier
4/02-REV.C
logo
ON Semiconductor
NE5230 ONSEMI-NE5230 Datasheet
245Kb / 18P
Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
logo
TAITRON Components Inco...
LMV358 TAITRON-LMV358 Datasheet
1Mb / 18P
Dual Low Voltage Operational Amplifier
logo
Advanced Monolithic Sys...
AMSOP-07 ADMOS-AMSOP-07_1 Datasheet
62Kb / 6P
LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
ON Semiconductor
NE5230 ONSEMI-NE5230_10 Datasheet
211Kb / 18P
Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com