Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX400 Datasheet (PDF) - Maxim Integrated Products

MAX400 Datasheet PDF - Maxim Integrated Products
Part # MAX400
Download  MAX400 Download
File Size   151.71 Kbytes
Page   4 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra Low Offset Voltage Operational Amplifier

MAX400 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX400 Datasheet PDF - Maxim Integrated Products

Part # MAX400
Download  MAX400 Click to download

File Size   151.71 Kbytes
Page   4 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra Low Offset Voltage Operational Amplifier

MAX400 Datasheet (HTML) - Maxim Integrated Products


MAX400 Product details

General Description
The MAX400 guaranteed maximum 10µV offset error is the lowest input offset voltage of any commercially available (nonchopper) monolithic amplifier. The MAX400 represents a 2.5 times improvement over the highest grade OP07 (the OP07A), and a 5 times improvement over the best commercial temperature range device (OP07E). The offset voltage drift is guaranteed to be a maximum of 0.3µV/°C which is also an improvement over the OP07 family.

Features
♦ Ultra-Low Offset Voltage: 10µV (max)
♦ Ultra-Low Offset Voltage Drift: 0.2µV/°C
♦ Ultra Stable vs. Time: 0.2µV/month
♦ Ultra-Low Noise: 0.35µVP-P
♦ Wide Supply Voltage: ±3V to ±18V
♦ High Common-Mode Input: ±14V
♦ No External Components Required
♦ Fits OP07, AD510, 725, 108A/308A Sockets

Applications
    Precision Amplifiers
    Thermocouple Amplifiers
    Low-Level Signal Processing
    Medical Instrumentation
    Strain Gauge Amplifiers
    High-Accuracy Data Acquisition




Similar Part No. - MAX400

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4000 MAXIM-MAX4000 Datasheet
670Kb / 18P
2.5GHz 45dB RF-Detecting Controllers
Rev 1; 7/02
MAX4000 MAXIM-MAX4000 Datasheet
156Kb / 5P
2.7V to 5.5V Single-Supply Operation
Rev 0; 9/02
MAX4000 MAXIM-MAX4000 Datasheet
692Kb / 19P
2.5GHz 45dB RF-Detecting Controllers
19-2288; Rev 2; 12/07
MAX40000 MAXIM-MAX40000 Datasheet
955Kb / 14P
1.7V, 0.9μA Comparators with Built-in Reference
Rev 0; 1/17
MAX40000 MAXIM-MAX40000 Datasheet
1Mb / 7P
-0.2V to VDD 0.2 Input Voltage Range
Rev 2; 6/17
More results


Similar Description - MAX400

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJMOP-07 NJRC-NJMOP-07 Datasheet
197Kb / 6P
ULTRA-LOW OFFSET VOLTAGE, LOW DRIFT OPERATIONAL AMPLIFIER
logo
Advanced Monolithic Sys...
AMSOP-07 ADMOS-AMSOP-07 Datasheet
66Kb / 6P
LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
AMSOP-77 ADMOS-AMSOP-77 Datasheet
76Kb / 7P
ULTRA LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5177 INTERSIL-HA-5177 Datasheet
35Kb / 5P
Ultra Low Offset Voltage Operational Amplifier
July 1994
logo
Maxim Integrated Produc...
OP07 MAXIM-OP07 Datasheet
262Kb / 8P
Low Offset Voltage Operational Amplifier
Rev 1; 8/95
logo
Intersil Corporation
HA-5177 INTERSIL-HA-5177_98 Datasheet
578Kb / 10P
2MHz, Ultra-Low Offset Voltage Operational Amplifier
September 1998
HA-5177 INTERSIL-HA-5177_04 Datasheet
136Kb / 5P
Ultra Low Offset Voltage Operational Amplifier
November 2004
logo
Advanced Monolithic Sys...
AMSOP-07 ADMOS-AMSOP-07_1 Datasheet
62Kb / 6P
LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
AMSOP-77 ADMOS-AMSOP-77 Datasheet
70Kb / 7P
ULTRA LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
Maxim Integrated Produc...
MAX400 MAXIM-MAX400_V01 Datasheet
225Kb / 6P
Ultra-Low Offset Voltage Operational Amplifier
2005
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com