Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST735T Datasheet (PDF) - STMicroelectronics

ST735T Datasheet PDF - STMicroelectronics
Part # ST735T
Download  ST735T Download
File Size   338.16 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 300kHz, -5V/ADJ INVERTING, NEGATIVE OUTPUT CURRENT-MODE PWM REGULATOR

ST735T Datasheet (PDF)

Go To PDF Page Download Datasheet
ST735T Datasheet PDF - STMicroelectronics

Part # ST735T
Download  ST735T Click to download

File Size   338.16 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 300kHz, -5V/ADJ INVERTING, NEGATIVE OUTPUT CURRENT-MODE PWM REGULATOR

ST735T Datasheet (HTML) - STMicroelectronics


ST735T Product details

DESCRIPTION
The ST735S/ST735T is a Bi-CMOS, inverting switch mode DC-DC regulator with internal Power MOSFET that generates a fixed -5V (S version) or a negative adjustable (T version) output voltage from a 4V (3.5V for the 735T) to 6.2V input voltage (9V for the 735T); is guaranteed an output current of 200mA for inputs greater than 4.5V. The quiescent current for this device is typically of 0.8mA and, in shutdown mode it is reduced to 1µA.

■ CONVERTS +4.0V TO + 6.2V INPUT TO -5V OUTPUT (735S) OR +3.5V TO + 9.0V TO A NEGATIVE ADJUSTABLE OUTPUT (735T)
■ 1W GUARANTEED OUTPUT POWER
■ 72% TYPICAL EFFICIENCY
■ 0.8mA QUIESCENT CURRENT
■ 1µA SHUTDOWN MODE
■ 300KHZ FIXED FREQUENCY OSCILLATOR
■ CURRENT MODE PWM CONVERTER
■ LOW NOISE AND JITTER
■ SOFT START
■ SIMPLE APPLICATION CIRCUIT
■ UNDERVOLTAGE LOCKOUT (735S)




Similar Part No. - ST735T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST735 STMICROELECTRONICS-ST735 Datasheet
268Kb / 9P
-5V INVERTING, NEGATIVE OUTPUT CURRENT-MODE PWM REGULATOR
Aug-2002
ST735CD STMICROELECTRONICS-ST735CD Datasheet
268Kb / 9P
-5V INVERTING, NEGATIVE OUTPUT CURRENT-MODE PWM REGULATOR
Aug-2002
ST735CD-TR STMICROELECTRONICS-ST735CD-TR Datasheet
268Kb / 9P
-5V INVERTING, NEGATIVE OUTPUT CURRENT-MODE PWM REGULATOR
Aug-2002
ST735CN STMICROELECTRONICS-ST735CN Datasheet
268Kb / 9P
-5V INVERTING, NEGATIVE OUTPUT CURRENT-MODE PWM REGULATOR
Aug-2002
More results


Similar Description - ST735T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST735 STMICROELECTRONICS-ST735 Datasheet
268Kb / 9P
-5V INVERTING, NEGATIVE OUTPUT CURRENT-MODE PWM REGULATOR
Aug-2002
ST755 STMICROELECTRONICS-ST755 Datasheet
80Kb / 9P
ADJUSTABLE INVERTING NEGATIVE OUTPUT CURRENT MODE PWM REGULATORS
Sep-1998
logo
Maxim Integrated Produc...
MAX1846 MAXIM-MAX1846 Datasheet
452Kb / 20P
High-Efficiency, Current-Mode, Inverting PWM Controller
19-2091; Rev 0; 8/01
MAX735 MAXIM-MAX735 Datasheet
311Kb / 8P
-5V/Adjustable, Negative-Output,Inverting, Current-mode PWM Regulators
19-0017; Rev 1; 9/92
MAX736 MAXIM-MAX736 Datasheet
541Kb / 12P
-5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators
19-4749; Rev 3; 5/93
MAX751 MAXIM-MAX751 Datasheet
448Kb / 12P
5V-Output, Step-Up, Current-Mode PWM DC-DC Converter
Rev 1; 11/96
logo
Hitachi Semiconductor
HA17384PS HITACHI-HA17384PS Datasheet
159Kb / 6P
CURRENT MODE PWM CONTROL SWITTCHING REGULATOR ICS
logo
STMicroelectronics
ST755C STMICROELECTRONICS-ST755C Datasheet
311Kb / 16P
Adjustable inverting negative output current mode PWM regulators
06-Jul-2007
logo
Maxim Integrated Produc...
MAX1846EUB-T MAXIM-MAX1846EUB-T Datasheet
325Kb / 20P
High-Efficiency, Current-Mode, Inverting PWM Controller
Rev 2; 9/10
logo
List of Unclassifed Man...
THX208 ETC2-THX208 Datasheet
804Kb / 22P
High-performance current - mode PWM regulator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com