Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST735T Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST735T
Description  300kHz, -5V/ADJ INVERTING, NEGATIVE OUTPUT CURRENT-MODE PWM REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST735T Datasheet(HTML) 2 Page - STMicroelectronics

  ST735T Datasheet HTML 1Page - STMicroelectronics ST735T Datasheet HTML 2Page - STMicroelectronics ST735T Datasheet HTML 3Page - STMicroelectronics ST735T Datasheet HTML 4Page - STMicroelectronics ST735T Datasheet HTML 5Page - STMicroelectronics ST735T Datasheet HTML 6Page - STMicroelectronics ST735T Datasheet HTML 7Page - STMicroelectronics ST735T Datasheet HTML 8Page - STMicroelectronics ST735T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ST735S/ST735T
2/11
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
Note 1: The input to output differential voltage is limited to VIN+|VOUT|<12.7V
THERMAL DATA
CONNECTION DIAGRAM (top view)
PIN DESCRIPTION
Symbol
Parameter
Value
Unit
VIN
DC Input Voltage (VIN to GND) for ST735S
-0.3 to +7
V
VIN
DC Input Voltage (VIN to GND) for ST735T (Note 1)
-0.3 to +11
V
SHDN
Shutdown Voltage (SHDN to GND)
-0.3 to VIN+0.3
V
VLX
Switch Voltage (Lx to VIN)
-12.5 to +0.3
V
VFB
Feedback Voltage (VOUT to GND)
-11to+0.3
V
VOUT
Output Voltage (VOUT to GND)
-11to+0.3
V
Other Input Voltage (SS, CC to GND)
-0.3 to V++0.3
V
ILX
Peack Switch Current
2A
Ptot
Power Dissipation at Tj = 70°C
DIP-8
725
mW
SO-8
470
Tstg
Storage Temperature Range
-55 to +150
°C
Top
Operating Junction Temperature Range
-40 to +125
°C
Symbol
Parameter
DIP-8
SO-8
Unit
Rthj-case
Thermal Resistance Junction-case
2
8
°C/W
Pin N°
Symbol
Name and Function
1
SHDN
SHUT-DOWN Control (VCC=ON GND=Shutdown
2VREF
Reference Output Voltage
3
SS
Soft Start
4
CC
Compensation Input
5VOUT
Negative Output Voltage
6
GND
Ground
7
LX
Switch Output
8VIN
Positive Supply - Voltage Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com