Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7538 Datasheet (PDF) - STMicroelectronics

ST7538 Datasheet PDF - STMicroelectronics
Part # ST7538
Download  ST7538 Download
File Size   264.95 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description POWER LINE FSK TRANSCEIVER

ST7538 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7538 Datasheet PDF - STMicroelectronics

Part # ST7538
Download  ST7538 Click to download

File Size   264.95 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description POWER LINE FSK TRANSCEIVER

ST7538 Datasheet (HTML) - STMicroelectronics


ST7538 Product details

DESCRIPTION

The ST7538 is a Half Duplex synchronous/asynchronous FSK Modem designed for power line communication network applications. It operates from a single supply voltage and integrates a line driver and a 5V linear regulator. The device operation is controlled by means of an internal register, programmable through the synchronous serial in terface. Additional functions as watchdog, clock output, output voltage and current control, preamble detection, time-out, band in use are included. Realized in Multipower BCD5 technology that allows to integrate DMOS, Bipolar and CMOS structures in the same chip.



FEATURES

■ HALF DUPLEX FREQUENCY SHIFT KEYING (FSK) TRANSCEIVER

■ INTEGRATED POWER LINE DRIVER WITH PROGRAMMABLE VOLTAGE AND CURRENT CONTROL

■ PROGRAMMABLE INTERFACE:

   – SYNCHRONOUS

   – ASYNCHRONOUS

■ SINGLE SUPPLY VOLTAGE (FROM 7.5 UP TO 12.5V)

■ VERY LOW POWER CONSUMPTION (Iq=5 mA)

■ INTEGRATED 5V VOLTAGE REGULATOR (UP TO 100mA) WITH SHORT CIRCUIT PROTECTION

■ 8 PROGRAMMABLE TRANSMISSION FREQUENCIES

■ PROGRAMMABLE BAUD RATE UP TO 4800BPS

■ RECEIVING SENSITIVITY 250µVRMS

■ SUITABLE TO APPLICATION IN ACCORDANCE WITH EN 50065 CENELEC SPECIFICATIONS

■ CARRIER OR PREAMBLE DETECTION

■ BAND IN USE DETECTION

■ PROGRAMMABLE REGISTER WITH SECURITY CHECKSUM

■ MAINS ZERO CROSSING DETECTION AND SYNCHRONIZATION



 




Similar Part No. - ST7538

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7538Q STMICROELECTRONICS-ST7538Q Datasheet
409Kb / 44P
FSK power line transceiver
12-Jul-2006
ST7538QTR STMICROELECTRONICS-ST7538QTR Datasheet
409Kb / 44P
FSK power line transceiver
12-Jul-2006
More results


Similar Description - ST7538

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7540 STMICROELECTRONICS-ST7540 Datasheet
372Kb / 44P
FSK power line transceiver
25-Sep-2006
ST7538Q STMICROELECTRONICS-ST7538Q Datasheet
409Kb / 44P
FSK power line transceiver
12-Jul-2006
logo
ATMEL Corporation
ATA5811 ATMEL-ATA5811_06 Datasheet
1Mb / 92P
UHF ASK/FSK TRANSCEIVER
ATA5423 ATMEL-ATA5423_06 Datasheet
1Mb / 100P
UHF ASK/FSK Transceiver
logo
AMIC Technology
A7101 AMICC-A7101 Datasheet
297Kb / 22P
2.4GHz FSK Transceiver
logo
STMicroelectronics
AN2744 STMICROELECTRONICS-AN2744 Datasheet
2Mb / 56P
ST7538Q power line FSK transceiver
30-Apr-2008
logo
ATMEL Corporation
ATA5830 ATMEL-ATA5830 Datasheet
1,001Kb / 27P
UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510 Datasheet
1Mb / 40P
UHF ASK/FSK Transceiver
ATPL00B ATMEL-ATPL00B Datasheet
1Mb / 152P
FSK Power Line Communications SoC
ATPL100A ATMEL-ATPL100A Datasheet
219Kb / 10P
FSK Power Line Communications SoC
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com