Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7538 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST7538
Description  POWER LINE FSK TRANSCEIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST7538 Datasheet HTML 2Page - STMicroelectronics ST7538 Datasheet HTML 3Page - STMicroelectronics ST7538 Datasheet HTML 4Page - STMicroelectronics ST7538 Datasheet HTML 5Page - STMicroelectronics ST7538 Datasheet HTML 6Page - STMicroelectronics ST7538 Datasheet HTML 7Page - STMicroelectronics ST7538 Datasheet HTML 8Page - STMicroelectronics ST7538 Datasheet HTML 9Page - STMicroelectronics ST7538 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
ST7538
6/30
HD2ATOP
Second Harmonic Distortion on
each ATOP1 and ATOP2 pins
VATOP = 4VPP
No Load
-55
-42
dB
VATOP = 4VPP
RLOAD =50Ω (Differential)
Carrier Frequency: 132.5KHz
-65
-53
dB
HD3ATOP
Third Harmonic Distortion on
each ATOP1 and ATOP2 pins
VATOP = 4VPP
No Load.
-56
-49
dB
VATOP = 4VPP
RLOAD =50Ω (Differential)
Carrier Frequency: 132.5KHz
-65
-52
dB
VATOP
Accuracy with Voltage Control
Loop Active
RCL = 0Ω
-1
+1
GST
GST
ALC Gain Step Control loop
gain step
0.6
1
1.4
dB
DRNG
ALC Dynamic Range
30
dB
VCLTH
Voltage control loop reference
threshold on Vsense pin
Figure 13
170
190
210
mVPK
VCLHYST
Hysteresis on Voltage loop
reference threshold
Figure 13
+-19
mV
CCLTH
Current control loop reference
threshold on Csense pin
Figure 13
1.80
1.90
2.00
V
CCLHYST
Hysteresis on Voltage loop
reference threshold
Figure 13
210
250
290
mV
VSENSE
VSENSE Input Impedance
36
K
Ω
TRxTx
Carrier Activation Time
Figure 16 - 600 Baud Xtal=16MHz
0.01
1.6
ms
Figure 16- 1200 Baud
Xtal=16MHz
0.01
800
µs
Figure 16- 2400 Baud
Xtal=16MHz
0.01
400
µs
Figure 16- 4800 Baud
Xtal=16MHz
0.01
200
µs
TALC
Carrier Stabilization Time
From STEP 16 to zero or From
step 16 to step 31,
Figure 16.
Xtal =16MHz
3.2
ms
TST
Tstep
Figure 16
Xtal =16MHz
200
µs
Receiver
VIN
Input Sensitivity (Normal Mode)
1
2
mVrms
Input Sensitivity (High Sens.)
500
µVrms
VIN
Maximum Input Signal
2
Vrms
RIN
Input Impedance
80
100
140
k
Ω
VCD
Carrier Detection Sensitivity
(Normal Mode)
12
mVrms
Carrier Detection Sensitivity
(High Sensitivity Mode)
500
µVrms
VBU
Band in Use Detection Level
77
85
dB/
µVrms
ELECTRICAL CHARACTERISTCS (continued)
(AVcc = DVcc = +5V, PAVcc =+9 V, PAVss, SGND = DVss = 0V,-40°C
≤ Tamb ≤ 85°C, unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com