Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FVXO-HC73B Datasheet (PDF) - Fox Electronics

FVXO-HC73B Datasheet PDF - Fox Electronics
Part # FVXO-HC73B
Download  FVXO-HC73B Download
File Size   365.81 Kbytes
Page   15 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 7 x 5mm 3.3V VCXO

FVXO-HC73B Datasheet (PDF)

Go To PDF Page Download Datasheet
FVXO-HC73B Datasheet PDF - Fox Electronics

Part # FVXO-HC73B
Download  FVXO-HC73B Click to download

File Size   365.81 Kbytes
Page   15 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 7 x 5mm 3.3V VCXO

FVXO-HC73B Datasheet (HTML) - Fox Electronics


FVXO-HC73B Product details

Description
The Fox XPRESSO Crystal Oscillator is a breakthrough in configurable Frequency Control Solutions. XPRESSO utilizes a family of proprietary ASICs, designed and developed by Fox, with a key focus on noise reduction technologies.

Features
● XTREMELY Low Jitter
● Low Cost
● XPRESS Delivery
● Frequency Resolution to six decimal places
● Absolute Pull Range (APR) of ±50ppm
● -20 to +70°C or -40 to +85°C operating temperatures
● Tri-State Enable / Disable Feature
● Industry Standard Package, Footprint & Pin-Out
● Fully RoHS compliant
● Gold over Nickel Termination Finish
● Serial ID with Comprehensive Traceability

Applications
• ANY application requiring an oscillator
• SONET
• Ethernet
• Storage Area Network
• Broadband Access
• Microprocessors / DSP / FPGA
• Industrial Controllers
• Test and Measurement Equipment
• Fiber Channel




Similar Part No. - FVXO-HC73B

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-HC72 FOX-FVXO-HC72 Datasheet
347Kb / 15P
HCMOS 7 x 5mm 2.5V VCXO
FVXO-HC72B FOX-FVXO-HC72B Datasheet
347Kb / 15P
HCMOS 7 x 5mm 2.5V VCXO
FVXO-HC72BR FOX-FVXO-HC72BR Datasheet
347Kb / 15P
HCMOS 7 x 5mm 2.5V VCXO
More results


Similar Description - FVXO-HC73B

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-LC73 FOX-FVXO-LC73 Datasheet
333Kb / 15P
LVDS 7 x 5mm 3.3V VCXO
FVXO-HC72 FOX-FVXO-HC72 Datasheet
347Kb / 15P
HCMOS 7 x 5mm 2.5V VCXO
FVXO-HC53 FOX-FVXO-HC53 Datasheet
365Kb / 15P
HCMOS 5 x 3.2mm 3.3V VCXO
FVXO_PC73 FOX-FVXO_PC73 Datasheet
334Kb / 15P
LVPECL 7 x 5mm 3.3V VCXO
FXO-HC73 FOX-FXO-HC73 Datasheet
360Kb / 14P
HCMOS 7 x 5mm 3.3V Oscillator
logo
MMD Components
MVIH MMD-MVIH Datasheet
82Kb / 1P
5mm x 7mm HCMOS VCXO
logo
Fox Electronics
FXO-HC735RGB-125 FOX-FXO-HC735RGB-125 Datasheet
172Kb / 2P
HCMOS 7 x 5mm 3.3V 50ppm XO Freq: 125MHz
FXO-HC735RGB-156 FOX-FXO-HC735RGB-156 Datasheet
176Kb / 2P
HCMOS 7 x 5mm 3.3V 50ppm XO Freq: 156.25MHz
FXO-HC735-132 FOX-FXO-HC735-132 Datasheet
530Kb / 14P
HCMOS 7 x 5mm 3.3V Oscillator
FXO-HC736R-20 FOX-FXO-HC736R-20 Datasheet
530Kb / 14P
HCMOS 7 x 5mm 3.3V Oscillator
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com