Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXO-HC73 Datasheet (PDF) - Fox Electronics

FXO-HC73 Datasheet PDF - Fox Electronics
Part # FXO-HC73
Download  FXO-HC73 Download
File Size   360.21 Kbytes
Page   14 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 7 x 5mm 3.3V Oscillator

FXO-HC73 Datasheet (PDF)

Go To PDF Page Download Datasheet
FXO-HC73 Datasheet PDF - Fox Electronics

Part # FXO-HC73
Download  FXO-HC73 Click to download

File Size   360.21 Kbytes
Page   14 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 7 x 5mm 3.3V Oscillator

FXO-HC73 Datasheet (HTML) - Fox Electronics


FXO-HC73 Product details

Low Cost, Low Jitter, Fast Delivery...1.888.XPRESSO HCMOS 7x5mm 3.3V Oscillator




Similar Part No. - FXO-HC73

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXO-HC730 ETC2-FXO-HC730 Datasheet
156Kb / 3P
Low Cost, Low Jitter, Fast Delivery...1.888.XPRESSO HCMOS 7x5mm 3.3V Oscillator
FXO-HC730R ETC2-FXO-HC730R Datasheet
156Kb / 3P
Low Cost, Low Jitter, Fast Delivery...1.888.XPRESSO HCMOS 7x5mm 3.3V Oscillator
FXO-HC735 ETC2-FXO-HC735 Datasheet
156Kb / 3P
Low Cost, Low Jitter, Fast Delivery...1.888.XPRESSO HCMOS 7x5mm 3.3V Oscillator
FXO-HC735-1.8432 ETC2-FXO-HC735-1.8432 Datasheet
156Kb / 3P
Low Cost, Low Jitter, Fast Delivery...1.888.XPRESSO HCMOS 7x5mm 3.3V Oscillator
FXO-HC735-10 ETC2-FXO-HC735-10 Datasheet
156Kb / 3P
Low Cost, Low Jitter, Fast Delivery...1.888.XPRESSO HCMOS 7x5mm 3.3V Oscillator
More results


Similar Description - FXO-HC73

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-HC73 FOX-FVXO-HC73 Datasheet
365Kb / 15P
HCMOS 7 x 5mm 3.3V VCXO
FXO-HC72 FOX-FXO-HC72 Datasheet
341Kb / 14P
HCMOS 7 x 5mm 2.5V Oscillator
FXO-LC73 FOX-FXO-LC73 Datasheet
330Kb / 15P
LVDS 7 x 5mm 3.3V Oscillator
FXO-PC73 FOX-FXO-PC73 Datasheet
331Kb / 15P
LVPECL 7 x 5mm 3.3V Oscillator
logo
EUROQUARTZ limited
XOF91 EUROQUARTZ-XOF91 Datasheet
143Kb / 1P
7 x 5mm High Frequency HCMOS Oscillator
XOV576 EUROQUARTZ-XOV576 Datasheet
180Kb / 1P
7 x 5mm High Frequency HCMOS Oscillator
XOW91 EUROQUARTZ-XOW91 Datasheet
159Kb / 1P
7 x 5mm High Frequency HCMOS Oscillator
logo
Fox Electronics
FXO-HC735-132 FOX-FXO-HC735-132 Datasheet
530Kb / 14P
HCMOS 7 x 5mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-LC736R-200 ETC2-FXO-LC736R-200 Datasheet
335Kb / 15P
LVDS 7 x 5mm 3.3V Oscillator
logo
Fox Electronics
FXO-HC736R-20 FOX-FXO-HC736R-20 Datasheet
530Kb / 14P
HCMOS 7 x 5mm 3.3V Oscillator
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com