Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXO-LC73 Datasheet (PDF) - Fox Electronics

FXO-LC73 Datasheet PDF - Fox Electronics
Part # FXO-LC73
Download  FXO-LC73 Download
File Size   330.39 Kbytes
Page   15 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description LVDS 7 x 5mm 3.3V Oscillator

FXO-LC73 Datasheet (PDF)

Go To PDF Page Download Datasheet
FXO-LC73 Datasheet PDF - Fox Electronics

Part # FXO-LC73
Download  FXO-LC73 Click to download

File Size   330.39 Kbytes
Page   15 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description LVDS 7 x 5mm 3.3V Oscillator

FXO-LC73 Datasheet (HTML) - Fox Electronics




Similar Part No. - FXO-LC73

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-LC735 FOX-FXO-LC735 Datasheet
178Kb / 6P
XTREMELY Low Jitter
FXO-LC735R-100 FOX-FXO-LC735R-100 Datasheet
37Kb / 1P
LVDS, CERAMIC, SMD, OSCILLATOR
Date: 01/15/2008
FXO-LC735R-1000 FOX-FXO-LC735R-1000 Datasheet
37Kb / 1P
LVDS, CERAMIC, SMD, OSCILLATOR
Date: 01/15/2008
FXO-LC735R-106.25 FOX-FXO-LC735R-106.25 Datasheet
37Kb / 1P
LVDS, CERAMIC, SMD, OSCILLATOR
Date: 01/15/2008
FXO-LC735R-156.25 FOX-FXO-LC735R-156.25 Datasheet
37Kb / 1P
LVDS, CERAMIC, SMD, OSCILLATOR
Date: 01/15/2008
More results


Similar Description - FXO-LC73

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-LC73 FOX-FVXO-LC73 Datasheet
333Kb / 15P
LVDS 7 x 5mm 3.3V VCXO
FXO-HC73 FOX-FXO-HC73 Datasheet
360Kb / 14P
HCMOS 7 x 5mm 3.3V Oscillator
FXO-LC72 FOX-FXO-LC72 Datasheet
332Kb / 15P
LVDS 7 x 5mm 2.5V Oscillator
FXO-PC73 FOX-FXO-PC73 Datasheet
331Kb / 15P
LVPECL 7 x 5mm 3.3V Oscillator
FXO-LC735RGB-125 FOX-FXO-LC735RGB-125 Datasheet
199Kb / 2P
LVDS 7 x 5mm 3.3V 50ppm XO Freq: 125MHz
logo
List of Unclassifed Man...
FXO-LC725R ETC2-FXO-LC725R Datasheet
338Kb / 15P
LVDS 7 x 5mm 2.5V Oscillator
logo
Fox Electronics
FXO-HC735-132 FOX-FXO-HC735-132 Datasheet
530Kb / 14P
HCMOS 7 x 5mm 3.3V Oscillator
FXO-LC736R-100 FOX-FXO-LC736R-100 Datasheet
335Kb / 15P
LVDS 7 x 5mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-LC736R-200 ETC2-FXO-LC736R-200 Datasheet
335Kb / 15P
LVDS 7 x 5mm 3.3V Oscillator
logo
Fox Electronics
FXO-HC736R-20 FOX-FXO-HC736R-20 Datasheet
530Kb / 14P
HCMOS 7 x 5mm 3.3V Oscillator
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com