Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C530 Datasheet (PDF) - STMicroelectronics

ST75C530 Datasheet PDF - STMicroelectronics
Part # ST75C530
Download  ST75C530 Download
File Size   599.48 Kbytes
Page   84 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES

ST75C530 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST75C530 Datasheet PDF - STMicroelectronics

Part # ST75C530
Download  ST75C530 Click to download

File Size   599.48 Kbytes
Page   84 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES

ST75C530 Datasheet (HTML) - STMicroelectronics


ST75C530 Product details

DESCRIPTION
ST75C530 and ST75C540 are two super-integrated devices including DSP, Modem and Audio Analog Front Ends and memories for Telephony, Modem and FAX applications.
These devices can be used for classical applications over POTS lines or over Internet.
The super integration technology allows a significant cost reduction on bill of materials for equipment like High-End phones, INTERNET phones, phone-Fax, INTERNET FAX, ...
The devices are used with a host processor through a Dual Port RAM allowing the use of any kind of microcontroller (RISC, CISC, General Purpose 8-bit µC, ...).

SUMMARIZED FEATURES
(for detailed features, see page 4)
■ SINGLE CHIP FAX Up to 14.4Kbps(V.17)
■ FULL DUPLEX DATA MODEM UP TO 14.4Kbps(V.32Bis)
■ DIGITAL ANSWERING MACHINE :
    - 4.8Kbps VOCODER
    - VARIABLEPLAYBACKSPEED(+50% to -50%)
    - ADPCM 32, 34, 16Kbps VOCODER
■ FULL-DUPLEX DIGITAL SPEAKERPHONE WITH ECHO CANCELLATION
■ PROGRAMMABLE RING DETECTION
■ 16 PROGRAMMABLE TONE DETECTORS FOR CLID AND SCWID
■ DTMF DETECTION
■ VERSATILE HOST INTERFACES
■ 16 GENERAL PURPOSE I/O PORTS
■ 2 RELAY DRIVE OUTPUTS
■ SINGLE 5V POWER SUPPLY
■ TYPICAL ACTIVE POWER CONSUMPTION : 650mW (ST75C530), 750 mW (ST75C540)
■ LOW POWER MODE < 30mW
■ 80-PIN TQFP PACKAGE (14mm x 14mm)




Similar Part No. - ST75C530

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75C520 STMICROELECTRONICS-ST75C520 Datasheet
382Kb / 45P
HIGH SPEED FAX MODEM DATA PUMP
Jun-1995
ST75C520PQFP STMICROELECTRONICS-ST75C520PQFP Datasheet
382Kb / 45P
HIGH SPEED FAX MODEM DATA PUMP
Jun-1995
More results


Similar Description - ST75C530

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS32FX210 NSC-NS32FX210 Datasheet
763Kb / 22P
Facsimile/Data Modem Analog Front End (AFE)
logo
List of Unclassifed Man...
ES2898 ETC-ES2898 Datasheet
66Kb / 6P
V.90 PCI DSP Modem Solution
logo
Texas Instruments
TMS320C54V90 TI-TMS320C54V90 Datasheet
1Mb / 87P
EMBEDDED V.90 MODEM DSP
logo
Zilog, Inc.
Z02201 ZILOG-Z02201 Datasheet
1Mb / 77P
V.22BIS Data Pump with INTEGRATED AFE
Z02922 ZILOG-Z02922 Datasheet
970Kb / 49P
Transaction Processing Modem Data Pump with Integrated AFE
logo
STMicroelectronics
STW51000 STMICROELECTRONICS-STW51000 Datasheet
220Kb / 8P
SUPER INTEGRATED DSP ENGINE
04-Apr-2005
logo
Zilog, Inc.
Z02201 ZILOG-Z02201_1 Datasheet
140Kb / 5P
V.22BIS Data Pump with INTEGRATED AFE
logo
Texas Instruments
AFE4404 TI1-AFE4404 Datasheet
1Mb / 83P
Ultra-Small, Integrated AFE
logo
Intersil Corporation
D2-926XX INTERSIL-D2-926XX Datasheet
911Kb / 37P
Integrated DSP Digital Sound Processing
logo
Maxim Integrated Produc...
MAX11947 MAXIM-MAX11947 Datasheet
1Mb / 45P
4 Channel AISG Integrated Modem
2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com