Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C520 Datasheet (PDF) - STMicroelectronics

ST75C520 Datasheet PDF - STMicroelectronics
Part # ST75C520
Download  ST75C520 Download
File Size   382.66 Kbytes
Page   45 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH SPEED FAX MODEM DATA PUMP

ST75C520 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST75C520 Datasheet PDF - STMicroelectronics

Part # ST75C520
Download  ST75C520 Click to download

File Size   382.66 Kbytes
Page   45 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH SPEED FAX MODEM DATA PUMP

ST75C520 Datasheet (HTML) - STMicroelectronics


ST75C520 Product details

DESCRIPTION
The SGS-THOMSON Microelectronics ST75C520 chip is a highly integrated modem engine, which can operate with all currently used FAX group III standards up to 14400bps. Full V.21, V.23 and Bell 103 full duplex modem standards are implemented.

■ ITU-T V.17, V.29, V.27ter, V.21 WITH FAX SUPPORT
■ ITU-T V.23, V.21, BELL 103
■ V.17, V.29 (T104), V.27ter SHORT TRAINS
■ V.33 HALF-DUPLEX
■ 1800Hz OR 1700Hz CARRIER
■ SINGLE CHIP COMPLETE DATA PUMP
■ SINGLE 5V POWER SUPPLY :
   - TYPICAL ACTIVE POWER CONSUMPTION : 375mW
   - LOW POWER MODE (typ. 5mW)
■ EXTENDED MODES OF OPERATIONS :
   - FULL IMPLEMENTATION OF THE V.17, V.33, V.29 AND V.27ter HANDSHAKES
   - AUTODIAL AND AUTOANSWER CAPABILITY
   - PROGRAMMABLE TONE DETECTION AND FSK V.21 FLAG PATTERN DETECTION DURING HIGH SPEED RECEPTION
   - PROGRAMMABLE CALL PROGRESS AND CALL WAITING TONE DETECTORS INCLUDING DTMF
   - PROGRAMMABLE CLASS™ DETECTION CAPABILITY
   - WIDE DYNAMIC RANGE (>48dB)
   - A-LAW VOICE PCM MODE
■ VERSATILE INTERFACES :
   - PARALLEL 64 x 8-BIT DUAL PORT RAM
   - SYNCHRONOUS/HDLC PARALLEL DATA HANDLING
   - HDLC FRAMING SUPPORT
   - V.24 INTERFACE
   - FULL OPERATING STATUS REAL TIME MONITORING
   - FULL DIAGNOSTIC CAPABILITY
   - DUAL 8-BIT DAC FOR CONSTELLATION DISPLAY




Similar Part No. - ST75C520

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75C530 STMICROELECTRONICS-ST75C530 Datasheet
599Kb / 84P
SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
Feb-1999
ST75C530FP-A STMICROELECTRONICS-ST75C530FP-A Datasheet
599Kb / 84P
SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
Feb-1999
ST75C540 STMICROELECTRONICS-ST75C540 Datasheet
599Kb / 84P
SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
Feb-1999
ST75C540FP-A STMICROELECTRONICS-ST75C540FP-A Datasheet
599Kb / 84P
SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
Feb-1999
More results


Similar Description - ST75C520

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8920 SANYO-LC8920 Datasheet
192Kb / 8P
FAX Modem
LC89210 SANYO-LC89210 Datasheet
199Kb / 10P
High-speed fax modem data pump
logo
List of Unclassifed Man...
XE3386L ETC-XE3386L Datasheet
58Kb / 16P
Compact 33,600 BPS Data and Fax Modem
RCV336DPEL ETC1-RCV336DPEL Datasheet
1Mb / 17P
V.34 Data V.17 Fax, AudioSpan, Voice, Speakerphone, Modem Data Pump
RCV336DPI ETC1-RCV336DPI Datasheet
992Kb / 14P
V.34 Data V.17 Fax, Modem Data Pump
CH2056 ETC1-CH2056 Datasheet
365Kb / 19P
HIGH SPEED Modem and FAX FAMILY
RC96V24DP ETC2-RC96V24DP Datasheet
1Mb / 34P
Single Device Data/Fax Modem Data Pump
logo
CML Microcircuits
FX949 CMLMICRO-FX949 Datasheet
624Kb / 25P
CDPD Wireless Modem Data Pump
logo
Synaptics Incorporated.
FM336 CONEXANT-FM336 Datasheet
85Kb / 14P
High Performance Fax Modem Family
logo
PHOENIX CONTACT
100500 PHOENIX-100500 Datasheet
323Kb / 7P
PSI-DATA/FAX-MODEM/RS232
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com