Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C520 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 1 Page - STMicroelectronics

  ST75C520 Datasheet HTML 1Page - STMicroelectronics ST75C520 Datasheet HTML 2Page - STMicroelectronics ST75C520 Datasheet HTML 3Page - STMicroelectronics ST75C520 Datasheet HTML 4Page - STMicroelectronics ST75C520 Datasheet HTML 5Page - STMicroelectronics ST75C520 Datasheet HTML 6Page - STMicroelectronics ST75C520 Datasheet HTML 7Page - STMicroelectronics ST75C520 Datasheet HTML 8Page - STMicroelectronics ST75C520 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
ST75C520
HIGH SPEED FAX MODEM DATA PUMP
June 1995
PRELIMINARY DATA
PQFP64
(Plastic Quad Flat Pack)
ORDER CODE : ST75C520 PQFP
.
ITU-T V.17, V.29, V.27ter, V.21 WITH FAX
SUPPORT
.
ITU-T V.23, V.21, BELL 103
.
V.17, V.29 (T104), V.27ter SHORT TRAINS
.
V.33 HALF-DUPLEX
.
1800Hz OR 1700Hz CARRIER
.
SINGLE CHIP COMPLETE DATA PUMP
.
SINGLE 5V POWER SUPPLY :
- TYPICAL ACTIVE POWER CONSUMPTION :
375mW
- LOW POWER MODE (typ. 5mW)
.
EXTENDED MODES OF OPERATIONS :
- FULL IMPLEMENTATION OF THE V.17,
V.33, V.29 AND V.27ter HANDSHAKES
- AUTODIAL AND AUTOANSWER CAPABIL-
ITY
- PROGRAMMABLE TONE DETECTION AND
FSK V.21 FLAG PATTERN DETECTION
DURING HIGH SPEED RECEPTION
- PROGRAMMABLE CALL PROGRESS AND
CALL WAITING TONE DETECTORS IN-
CLUDING DTMF
- PROGRAMMABLE CLASS
™ DETECTION
CAPABILITY
- WIDE DYNAMIC RANGE (>48dB)
- A-LAW VOICE PCM MODE
.
VERSATILE INTERFACES :
- PARALLEL 64 x 8-BIT DUAL PORT RAM
- SYNCHRONOUS/HDLC PARALLEL DATA
HANDLING
- HDLC FRAMING SUPPORT
- V.24 INTERFACE
- FULL OPERATING STATUS REAL TIME
MONITORING
- FULL DIAGNOSTIC CAPABILITY
- DUAL 8-BIT DAC FOR CONSTELLATION
DISPLAY
DESCRIPTION
The SGS-THOMSON Microelectronics ST75C520
chip is a highly integrated modem engine, which
can operate with all currently used FAX group III
standards up to 14400bps. Full V.21, V.23 and Bell
103 full duplex
modem standards are imple-
mented.
This is advance information on a new product now in development or undergoing evaluation. Details are subject to change without no tice.
1/45


Similar Part No. - ST75C520

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75C530 STMICROELECTRONICS-ST75C530 Datasheet
599Kb / 84P
SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
Feb-1999
ST75C530FP-A STMICROELECTRONICS-ST75C530FP-A Datasheet
599Kb / 84P
SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
Feb-1999
ST75C540 STMICROELECTRONICS-ST75C540 Datasheet
599Kb / 84P
SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
Feb-1999
ST75C540FP-A STMICROELECTRONICS-ST75C540FP-A Datasheet
599Kb / 84P
SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
Feb-1999
More results

Similar Description - ST75C520

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8920 SANYO-LC8920 Datasheet
192Kb / 8P
FAX Modem
LC89210 SANYO-LC89210 Datasheet
199Kb / 10P
High-speed fax modem data pump
logo
List of Unclassifed Man...
XE3386L ETC-XE3386L Datasheet
58Kb / 16P
Compact 33,600 BPS Data and Fax Modem
RCV336DPEL ETC1-RCV336DPEL Datasheet
1Mb / 17P
V.34 Data V.17 Fax, AudioSpan, Voice, Speakerphone, Modem Data Pump
RCV336DPI ETC1-RCV336DPI Datasheet
992Kb / 14P
V.34 Data V.17 Fax, Modem Data Pump
CH2056 ETC1-CH2056 Datasheet
365Kb / 19P
HIGH SPEED Modem and FAX FAMILY
RC96V24DP ETC2-RC96V24DP Datasheet
1Mb / 34P
Single Device Data/Fax Modem Data Pump
logo
CML Microcircuits
FX949 CMLMICRO-FX949 Datasheet
624Kb / 25P
CDPD Wireless Modem Data Pump
logo
Synaptics Incorporated.
FM336 CONEXANT-FM336 Datasheet
85Kb / 14P
High Performance Fax Modem Family
logo
PHOENIX CONTACT
100500 PHOENIX-100500 Datasheet
323Kb / 7P
PSI-DATA/FAX-MODEM/RS232
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com