Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C520 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST75C520 Datasheet HTML 35Page - STMicroelectronics ST75C520 Datasheet HTML 36Page - STMicroelectronics ST75C520 Datasheet HTML 37Page - STMicroelectronics ST75C520 Datasheet HTML 38Page - STMicroelectronics ST75C520 Datasheet HTML 39Page - STMicroelectronics ST75C520 Datasheet HTML 40Page - STMicroelectronics ST75C520 Datasheet HTML 41Page - STMicroelectronics ST75C520 Datasheet HTML 42Page - STMicroelectronics ST75C520 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
SERIAL
OUT
RX BUFF ER
ST A T U S
RX DATA
BU FFER
RECE I V E R
ST AT US
RECE I V E R
DA T A
ER ROR R X
( SYSERR )
IT 3
RXD
RX C L K
DA TA
FO R M AT
RECEIVE
DEFRAMER
Figure 7 : Rx Buffer Schematics
IX.2 - Receive Operations Overview
Figure 7 describes the receive data flow.
The ST75C520 can handle the following types of
format for the data :
- parallel synchronous mode : 8-bit words are syn-
chronously available in the receive buffers. The
buffer status holds the number of valid bytes
received,
- parallel HDLC framing mode : 8-bit data is avail-
able in the receive buffers. Framing information
(like flags, CRC, additional ”0”) is interpreted by
the ST75C520 and reported when necessary in
the receive buffer status (CRC error, aborted
frame, framing error, etc). This feature greatly
eases the implementation of protocols as well as
FAX data management.
Each time the receive deframer has filled up a new
buffer, it sets the corresponding flag with the proper
status then generates the IT3 interrupt. The avail-
ability of the buffers is tested just before starting to
fill them. This further means that the host must not
perform any buffer operation on the data part while
the status remains 0.
IX.3 - Transmit Operations Overview
Figure 8 describes the transmit data flow. The
following modes are available :
- parallel synchronous mode : 8-bit words are syn-
chronously read from the transmit buffers. The
transmit status buffer holds the number of valid
bytes to be transmitted (up to 8 per buffer),
- parallel HDLC framing mode : 8-bit data is re-
ceived from the transmit buffers. Framing infor-
mation (frame open, frame close, frame abort,
number of byte per buffer) is carried by the trans-
m it buffe r s tat us a nd pr ocessed by th e
ST75C520. CRC, padding and other operations
are automatically handled by the ST75C520.
Each time the transmit framer has emptied a buffer,
the IT2 interrupt is raised.
TRAN SM I TTER
STATU S
TRAN SM I TTER
DATA
ERR OR TX
(SYSER R)
IT2
TX D
TX C LK
DATA
FO RM A T
TX BUFF ER
STA TUS
TX DATA
BUFFER
SERI AL
IN
SERIAL
MU X
TRANSM ITTER
FRAMER
Figure 8 : Tx Buffer Schematics
ST75C520
39/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com