Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C520 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST75C520 Datasheet HTML 26Page - STMicroelectronics ST75C520 Datasheet HTML 27Page - STMicroelectronics ST75C520 Datasheet HTML 28Page - STMicroelectronics ST75C520 Datasheet HTML 29Page - STMicroelectronics ST75C520 Datasheet HTML 30Page - STMicroelectronics ST75C520 Datasheet HTML 31Page - STMicroelectronics ST75C520 Datasheet HTML 32Page - STMicroelectronics ST75C520 Datasheet HTML 33Page - STMicroelectronics ST75C520 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
STATUS[1]
Field
Pos.
Meaning
STA_H
0
Transmit synchronisation in progress. Valid only in modem mode.
STA_CCITT
2
CCITT 2100Hz versus 2225Hz answer tone detect. Valid if STA_AT is set. Valid only in
tones modes.
STA_AT
3
Answer tone (either 2100Hz or 2225Hz) detected. Valid only in tones modes.
STA_HR
4
Receive synchronisation in progress. Valid only in modem mode.
STA_FLAG
6
V.21 channel 2 flag detect. Valid only in FAX modem mode and tone mode.
STA_DTMF
7
DTMF digit detect. The digit itself is available in the optional status byte STAOP2. Valid
only in DTMF receive mode.
VII.2.4 - Quality Status
The quality byte STAQUA monitors an evaluation of the line quality. It is updated once per baud and its
value ranges from 127 (perfect quality) to 0 (terrible quality). This value is automaticaly adjusted according
to the current receiving mode. Refer to the following chart to convert the value into its Bit Error Rate
equivalence.
1e
-3
1e
-4
1e
-5
1e
-6
1e
-7
1e
-8
1e
-9
0
31
63
95
127
STAQUA
BER
1e
-2
VII.2.5 - Optional Status
According to the operating mode of the ST75C520 the optional status is displaying different informations.
The optional status are automatically reprogrammed after each CONF command with the address of the
variables to monitor according with the operating mode selected (CONF_OPER). After the CONF command
the user must overwrite this default programming by using the DOSR command.
VII.2.6 - Default Optional Status in Tone Mode
While in tone mode the format of the STAOP word is as follows :
Add.
Name
Bit
765
4
321
0
$0C
STAOP0
TDT7
TDT6
TDT5
TDT4
TDT3
TDT2
TDT1
TDT0
$0D
STAOP1
TDT15
TDT14
TDT13
TDT12
TDT11
TDT10
TDT9
TDT8
$0E
STAOP2
RING_PERIOD
(1)
Notes : 1. RING_PERIOD is valid when the bit 3 of the STATUS[0] (STA_RING) goes high. This value is updated at each falling edge of
the RING signal. The RING_PERIOD value must be divided by 2400 to obtain the period in seconds.
2. TDTx is the output of the tone detector x.
ST75C520
30/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com