Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C520 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST75C520 Datasheet HTML 37Page - STMicroelectronics ST75C520 Datasheet HTML 38Page - STMicroelectronics ST75C520 Datasheet HTML 39Page - STMicroelectronics ST75C520 Datasheet HTML 40Page - STMicroelectronics ST75C520 Datasheet HTML 41Page - STMicroelectronics ST75C520 Datasheet HTML 42Page - STMicroelectronics ST75C520 Datasheet HTML 43Page - STMicroelectronics ST75C520 Datasheet HTML 44Page - STMicroelectronics ST75C520 Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
TYPICAL APPLICATION
D0
D1
D2
D3
D4
D5
D6
D7
DTACKl
INTRl
CSl
SR/W (WRl)
S DSl (RDl)
A0
A1
A2
A3
A4
A5
A6
RESE Tl
+5V
+5V
R8
470
Ω
R7
10k
Ω
+5V
***
10
µF
C12
10nF
C13
10nF
C14
10nF
+5V
INTEL mo de
MOTOROLA mo de
(select one
of the two)
RINGl
CTSl
RTSl
CDl
CLK
RxD
TxD
TP1
TP2
(connec t close
to the ST75C52)
V.24/RS232
R6
1.2k
Ω
R5
1.2k
Ω
R4
1.2k
Ω
R3
1.2k
Ω
*
C8
100nF
*
C9
100nF
C11
1
µF
C10
1
µF
C7
2.2
µF
C6
2.2
µF
*
*
VCM
RXA2
RXA1
TXA2
TXA1
AGND
R2 1.2k
Ω
R1 1.2k
Ω
C4
100 nF
*
C5
10
µF
+5VA
+5V
C3
10nF
C1
5pF
29.4912MHz
Y1
L1 1
µH
C2
33pF
(t hird harmonic series
res onance oscillator)
DAA
30
37
38
31
32
33
43
56
49
55
50
53
45
2
51
1
42
44
60
54
61
48
47
62
46
26
27
28
58
63
57
59
29
36
35
34
39
17
18
19
22
23
52
9
25
40
24
8
3
10
12
11
13
15
14
16
5
4
6
7
64
SCCLK
EOS
BOS
RDYS
SCOUT
SCIN
MCI
CLKOUT
MC0
MC1
MC2
SD0
SD1
SD2
SD3
SD4
SD5
SD6
SD7
SDTACK
SINTR
SCS
SR/W
SDS
INT/MOT
SA0
SA1
SA2
SA3
SA4
SA5
SA6
RESET
DV DD
20
21
41
DV DD
DV DD
EXTAL
XTAL
HALT/NOP
TXA1
TXA2
RXA1
RXA2
VCM
REFN
AGNDR
V
REFP
V
AV
DD
AGNDT
EYEX
EYEY
EYESYNC
EYECLK
TXD
CLK
RXD
CD
RTS
CTS
RING
EBS
DGND
DGND
DGND
Notes : All capacitor with a ”*” must be implanted close to the ST75C520 pin.
All signal name ending with a ”1” are active low.
R3, R4, R5, R6 are needed if the hybrid will sink a current on VCM.
ST75C520
44/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com