Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C520 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST75C520 Datasheet HTML 14Page - STMicroelectronics ST75C520 Datasheet HTML 15Page - STMicroelectronics ST75C520 Datasheet HTML 16Page - STMicroelectronics ST75C520 Datasheet HTML 17Page - STMicroelectronics ST75C520 Datasheet HTML 18Page - STMicroelectronics ST75C520 Datasheet HTML 19Page - STMicroelectronics ST75C520 Datasheet HTML 20Page - STMicroelectronics ST75C520 Datasheet HTML 21Page - STMicroelectronics ST75C520 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
VI - COMMAND SET DESCRIPTION
The appendixA containsthe description of the complete command set. Commands are presented according
to the following form :
COMMAND
Command Name Meaning
COMMAND
Opcode
Hexadecimal digit
XXXXXXXX
Synopsis
Short description of the functions performed by the command.
Parameters
Field
Byte
Pos.
Value
Definition
Name
X
b..a
xx *
Explanation of the parameter
Default value
Field
Name of the addressed bit field.
Byte
Index (or address in the dual port RAM) of the parameter byte (from 1 to 4).
Pos.
Bit field position inside the parameter byte. Can either be a single position (from 0 to 7, 0
being LSB) or a range.
Value
Possible values for the bit (resp. bit field). Range means all values are allowed. A star
means a default value. Values are expressed either under the form of a bit string, or under
hexadecimal format.
CALL
Call a Subroutine
CALL
Opcode:
19
00011001
Synopsis
CALL allows to execute a part of the ST75C520 firmware with a specific argument.
Parameters
Field
Byte
Pos.
Value
Definition
C_ADDR_L
1
7..0
Low byte of the call address
C_ADDR_H
2
7..0
High byte of the call address
C_DATA_L
3
7..0
Low byte of the argument
C_DATA_H
4
7..0
High byte of the argument
ST75C520
18/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com