Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C520 Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST75C520 Datasheet HTML 36Page - STMicroelectronics ST75C520 Datasheet HTML 37Page - STMicroelectronics ST75C520 Datasheet HTML 38Page - STMicroelectronics ST75C520 Datasheet HTML 39Page - STMicroelectronics ST75C520 Datasheet HTML 40Page - STMicroelectronics ST75C520 Datasheet HTML 41Page - STMicroelectronics ST75C520 Datasheet HTML 42Page - STMicroelectronics ST75C520 Datasheet HTML 43Page - STMicroelectronics ST75C520 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
IX.4 - Buffer Status and Format Description
The following section describes the meaning and
use of the buffer status words.
IX.4.1 - Transmit Buffer
The transmit buffer status words are DTTBS0 and
DTTBS1 (see the Host Interface Summary sec-
tion in the main document) and are more likely to
be seen as control words. These words must be set
by the host and are reset by the ST75C520. The
data buffer exchanges are synchronized through
these status words, (see Buffer Status and format
description) an improper setting will trigger the error
Err_Tx in the error status SYSERR. A value of 0 for
DTTBS0 or DTTBS1 means that the corresponding
buffers are empty : this value is written by the
ST75C520. The unused bits of DTTBSx must be
set to 0 by the host.
In FSK Mode, when working in the parallel data
mode, the transmitter expands each bit to the
nominal baud time (1200Hz/300Hz/75Hz).
IX.4.2 - Synchronous Mode
Field
Pos.
Val.
Description
BUFF_LENG
3..0
1..8
Number of valid
bytes in the buffer
IX.4.3 - HDLC Framing Mode
Field
Pos.
Val.
Description
BUFF_LENG
3..0
1..8
Number of valid
bytes in the buffer
BUFF_SFRM
4
0
1
Data stream
Start of frame
BUFF_EFRM
5
0
1
Data stream
End of frame
BUFF_FRAB
6
0
1
Normal process
Abort frame (no
data in buffer)
IX.5 Receive Buffer
The receive buffer status words are DTRBS0 and
DTRBS1 (see the Host Interface Summary sec-
tion in the main document). These flags are set by
the ST75C520 and must be reset by the host. The
data buffer exchanges are synchronized through
these status words, an improper resetting will trig-
ger the error Err_Rx in the error status SYSERR. A
value of 0 for DTRBS0 or DTRBS1 means that the
corresponding buffers are empty : this value must
be written by the host.
In FSK or V.21 Channel 2 Mode, when working in
the parallel data mode, the receiver extract each
bi t
u s ing
t h e
nomi n al
baud
r at e
(1200Hz/300Hz/75Hz).
IX.5.1 - Synchronous Mode
Field
Pos.
Val.
Description
BUFF_LENG
3..0
1..8
Number of valid
bytes in the buffer
IX.5.2 - HDLC Framing Mode
Field
Pos.
Val.
Description
BUFF_LENG
3..0
1..8
Number of valid
bytes in the buffer
BUFF_ERRS
5..4
00
01
10
11
No error
CRC error
Non byte-aligned
frame
Aborted frame
BUFF_SFRM
6
0
1
Data stream
Start of frame
BUFF_EFRM
7
0
1
Data stream
End of frame
IX.6 - Data Buffer Management
Figure 9 shows the general flow chart for transmit
data buffer management. In the transmit path, the
data buffer exchanges should always begin with
the filling of buffer 0, then with the update of the
buffer 0 status word. The initiation of the data
exchanges is initiated then with the XMIT com-
mand.
ST75C520
40/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com