Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C520 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST75C520 Datasheet HTML 24Page - STMicroelectronics ST75C520 Datasheet HTML 25Page - STMicroelectronics ST75C520 Datasheet HTML 26Page - STMicroelectronics ST75C520 Datasheet HTML 27Page - STMicroelectronics ST75C520 Datasheet HTML 28Page - STMicroelectronics ST75C520 Datasheet HTML 29Page - STMicroelectronics ST75C520 Datasheet HTML 30Page - STMicroelectronics ST75C520 Datasheet HTML 31Page - STMicroelectronics ST75C520 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
VII.1.3 - CR Command
Issuing a CR command causes the ST75C520 to dump a specific memory location in complex mode. This
instruction is particularly useful for equalizer state analysis or for software eye-pattern display. The report
area has this meaning :
RP7
RP6
RP5
RP4
RP3
RP2
RP1
RP0
COMREP[0]
IP7
IP6
IP5
IP4
IP3
IP2
IP1
IP0
COMREP[1]
RP0..RP7 is the MSB part of the 16-bit value of the real part and IP0..IP7 is the MSB part of the imaginary
part. The CR command insures that the real and imaginary part of the desired complex value are sampled
internally at the same time. The address given in the parameter field of CR is the address of the real part.
VII.1.4 - MR/TDRC/TDRW/IDT Commands
The report issued by the MR/TDRC/TDRW/IDT commands follow the same rules as for CR. The report
meaning is :
D7
D6
D5
D4
D3
D2
D1
D0
COMREP[0]
D15
D14
D13
D12
D11
D10
D9
D8
COMREP[1]
D0..D15 is the 16-bit value required by the MR/TDRC command.
In the case of IDT, D15..D12 contains the product identification (2 for ST75C520), D11..D8 contains the
hardware revision identification and D7..D0 contains the software revision identification.
VII.2 - Modem Status
VII.2.1 - Modem Status Description
The Status of ST75C520 is divided into 4 fields :
- The error status byte SYSERR that provides information about error. This status can trigger an IT0
interrupt,
- The general status byte STATUS[0] and STATUS[1] that contains all the modem signals. These status
bytes can trigger an IT4 interrupt,
- The quality status STAQUA, that contains the quality of the received transmission,
- The optional status bytes STAOP[0], STAOP[1] and STAOP[2], that contains additional information
regarding the ST75C520 operatingmode. This default information can be changed to monitor any internal
variables using the DOSR command.
All these informations are updated on a Baud basis :
Mode
Baud Rate
(2) (Hz)
CLK (Hz)
Tone, DTMF, Voice
2400
9600
Bell 103 (full duplex)
2400
9600
V.21 (full duplex)
2400
9600
V.23 (full duplex)
2400
9600
V.27ter 2400bps
1200
2400
V.27ter 4800bps
1600
(1)
4800
V.29
2400
9600/7200/4800
V.17
2400
14400/12000/9600/7200
V.33
2400
14400/12000
V.21 channel 2
2400
300
Notes : 1. The tone detectors outputs are update 800 times by second.
2. This baud rate defines also, the maximum command rate. Each baud time the ST75C520 looks at the COMSYS location
(addesss $00) to see if a command have been sent by the host processor. If the content of this location is different from zero the
ST75C520 execute the command.
ST75C520
28/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com