Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C520 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST75C520 Datasheet HTML 2Page - STMicroelectronics ST75C520 Datasheet HTML 3Page - STMicroelectronics ST75C520 Datasheet HTML 4Page - STMicroelectronics ST75C520 Datasheet HTML 5Page - STMicroelectronics ST75C520 Datasheet HTML 6Page - STMicroelectronics ST75C520 Datasheet HTML 7Page - STMicroelectronics ST75C520 Datasheet HTML 8Page - STMicroelectronics ST75C520 Datasheet HTML 9Page - STMicroelectronics ST75C520 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
V.24 INTERFACE
11
12
13
14
10
56
55
DUAL
PORT
RAM
64 x 8
16
15
7
6
5
4
S
S
S
I
O
E
Y
E
P
A
G
E
PROGRAM ROM 8K x 32
63
58
57
2
1
60
61
IIR
FIR
IIR
FIR
FIFO
8x 16
FIFO
8x 16
CROM
8K x 16
ST18932
DSP CORE
RAM
2K x 16
FIR
59
62
64
DPLL AND CONTROL
TXA1
TXA2
RXA1
RXA2
VREFP
VCM
VREFN
3
52
34
35
36
37
38
39
INT/MOT
SINTR
SDTACK
SCS
SR/W (SWR)
SDS (SDR)
SD [0..7]
(26 to 33)
SA [0..6]
(17 to 23)
RESET
EBS
BOUNDARY SCAN
(42 to 51 - 53-54)
XTAL
EXTAL
7
8
12
8-24
40
9-25
41
ST75C520
II.2 - Hardware Block Diagram
III - ELECTRICAL SPECIFICATIONS
Unless otherwise noted, electrical characteristics are specified over the operating range. Typical value are
given for VDD = +5V and tamb =25
°C.
III.1 - Maximum Ratings (referenced to GND)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
-0.3 to 7.0
V
VI,VIN
Digital or Analog Input Voltage
-0.3 to (VDD + 0.3)
V
II,IIN
Digital or Analog Input Current
± 1
mA
IO
Digital Output Current
± 20
mA
IOUT
Analog Output Current
± 10
mA
Toper
Operating Temperature
0, + 70
°C
Tstg
Storage Temperature (plastic)
- 40, + 125
°C
Ptot
Maximum Power Dissipation
1000
mW
Stresses above those hereby listed may cause damage to the device. The ratings are stress related only and functional operation of the device
at conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability. Standard MOS circuits handling procedure should be used to avoid possible damage to the
device.
III.2 - DC Characteristics
VDD = 5.0V
± 5%, GND = 0V, Tamb = 0 to 70°C (unless otherwise specified).
III.2.1 - Power Supply and Common Mode Voltage
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
4.75
5
5.25
V
IDD
Supply Current (internal oscillator)
75
100
mA
IDD-lp
Supply Current in Low Power Mode
1
mA
VCM
Common Mode Voltage
VDD/2 -5%
VDD/2
VDD/2 + 5%
V
ST75C520
6/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com