Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C520 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST75C520 Datasheet HTML 19Page - STMicroelectronics ST75C520 Datasheet HTML 20Page - STMicroelectronics ST75C520 Datasheet HTML 21Page - STMicroelectronics ST75C520 Datasheet HTML 22Page - STMicroelectronics ST75C520 Datasheet HTML 23Page - STMicroelectronics ST75C520 Datasheet HTML 24Page - STMicroelectronics ST75C520 Datasheet HTML 25Page - STMicroelectronics ST75C520 Datasheet HTML 26Page - STMicroelectronics ST75C520 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
SERIAL
Select Serial or Parallel Mode
SERIAL
Opcode:
07
00000111
Synopsis
SERIAL defines the data path, i.e. either serial or parallel.
Parameters
Field
Byte
Pos.
Value
Definition
TX_SDATA
1
0
0*
1
Use serial link for Tx Data
Use parallel link for Tx Data
RX_SDATA
1
1
0*
1
Use only serial link for Rx Data
Use also parallel link for Rx Data
Notes :
The received Bits always go to the output pin RXD, even when the RX_SDATA bit is set.
SETGN
Set Output Gain
SETGN
Opcode:
02
00000010
Synopsis
SETGN is a command which sets the scaling factor of the transmit samples. It is used for
setting the output level or for setting the level of the tone generators. The gain value is
given in the form of a 2’s complement 16-bit value.
Parameters
Field
Byte
Pos.
Value
Definition
GAIN_L
1
7..0
range FF*
Low byte of the 16-bit gain value
GAIN_H
2
7..0
range 7F*
High byte of the 16-bit gain value
Example
Gain (dB)
Gain (Hex)
Gain (dB)
Gain (Hex)
Gain (dB)
Gain (Hex)
0
7FFF
-5
47FA
-10
287A
-1
7214
-6
4026
-11
2413
-2
65AC
-7
392C
-12
2026
-3
5A9D
-8
32F5
-13
1CA7
-4
50C3
-9
2D6A
-14
198A
SLEEP
Turn to Sleep Mode
SLEEP
Opcode:
03
00000011
Synopsis
SLEEP is used to force the ST75C520 to turn to low power mode.
Parameter
Non parametric command.
Notes :
When receiving this command the ST75C520 will stop processing and so cannot have the regular handshake protocol.
It does not increment the COMACK, neither generate an Interrupt.
STOP
FAX Stop Transmitter
STOP
Opcode:
25
00100101
Synopsis
STOP is used, in FAX Modes, to force the ST75C520 to turn off the transmitter in
accordance with the corresponding ITU-T V.33/V.17/V.29/V.27recommendation.
Parameter
Non parametric command.
Notes :
When receiving this command the ST75C520 will stop sending regular Data. In parallel mode this command must be
preceded by a XMIT Stop command. In parallel mode the ST75C520 will wait until all the transmit buffers are sent before
starting the Stop sequence.
ST75C520
23/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com