Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C520 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 4 Page - STMicroelectronics

  ST75C520 Datasheet HTML 1Page - STMicroelectronics ST75C520 Datasheet HTML 2Page - STMicroelectronics ST75C520 Datasheet HTML 3Page - STMicroelectronics ST75C520 Datasheet HTML 4Page - STMicroelectronics ST75C520 Datasheet HTML 5Page - STMicroelectronics ST75C520 Datasheet HTML 6Page - STMicroelectronics ST75C520 Datasheet HTML 7Page - STMicroelectronics ST75C520 Datasheet HTML 8Page - STMicroelectronics ST75C520 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
I.3 - Analog Interface
Pin
Name
Type
Description
TXA1
O
Transmit Analog Output 1
TXA2
O
Transmit Analog Output 2. Outputs TXA1 and TXA2 provide analog signals with maximum peak to peak
amplitude 2 x VREF, and must be followed by an external continous-time two pole smoothing filter (where
VREF =VREFP -VREFN).
RXA1
I
Receive Analog Input 1
RXA2
I
Receive Analog Input 2. The analog differential input peak to peak signal must be less than 2 x VREF.It
must be preceded by an external continous-time single pole anti-aliasing filter. This filter must be as
close as possible to the RXA1 and RXA2 Pins (where VREF =VREFP -VREFN).
VCM
I/O
Analog Common Voltage (nominal +2.5V). This input must be decoupled with respect to AGND.
VREFN
I
Analog Negative Reference (nominal VCM - 1.25V). This input must be decoupled with respect to VCM.
VREFP
I
Analog Positive Reference (nominal VCM+1.25V). This input must be decoupled with respect to VCM.
I.4 - V.24 Interface
Pin Name
Type
Description
RTS
I
Request to Send. Active low.
CLK
O
Data Bit Clock. Falling edge coïncides with DATA change.
CTS
O
Clear to Send. Active low.
RxD
O
Receive Data
TxD
I
Transmit Data sampled with rising edge of CLK
CD
O
Carrier Detect. Active low.
I.5 - Miscellaneous
Pin Name
Type
Description
XTAL
O
Internal Oscillator Output. Left open if not used.
EXTAL
I
Internal Oscillator Input, or External Clock
EYEX
O
Constellation X analog coordinate
EYEY
O
Constellation Y analog coordinate
TEST1
To be left open
TEST2
To be left open
Note : The nominal external clock frequency of the ST75C520 is 29.4912MHz with a precision better than
± 5.10-5
I.6 - Boundary Scan Interface
A set of 13 signals are dedicated for Testing the ST75C520 Component. These signals can be used in a
development phase, associated with the SGS-THOMSON ST18932 Boundary Scan Development Tools,
to Debug the application Hardware and Software. If not used all input signals must be grounded and all
output signals left open.
Pin Name
Type
Description
SCIN
I
Scan Data Input
SCCLK
I
Scan Clock
SCOUT
O
Scan Data Output
BOS
I
Begin of Scan Control
EOS
I
End of Scan
MC0..MC2
I
Mode Control
HALT
I
Stop ST75C520 Execution
MCI
O
Multicycle Instruction
RDYS
O
Ready to Scan Flag
EBS
I
Enable Boundary Scan. Active low (must be set low in normal mode).
CLKOUT
O
Internal ST75C520 Clock (XTAL frequency divided by 2)
ST75C520
4/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com