Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C520 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST75C520 Datasheet HTML 30Page - STMicroelectronics ST75C520 Datasheet HTML 31Page - STMicroelectronics ST75C520 Datasheet HTML 32Page - STMicroelectronics ST75C520 Datasheet HTML 33Page - STMicroelectronics ST75C520 Datasheet HTML 34Page - STMicroelectronics ST75C520 Datasheet HTML 35Page - STMicroelectronics ST75C520 Datasheet HTML 36Page - STMicroelectronics ST75C520 Datasheet HTML 37Page - STMicroelectronics ST75C520 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
VIII - TONE DETECTORS
VIII.1 - Overview
The general purpose TS75C520 tone detectors
block is a powerful module that covers a lot of
applications :
- call progress tone detection, fully programmable
for all countries,
- DTMF detection,
- FAX, voice, data automatic detection,
- call waiting detection,while in voice or data mode.
VIII.2 - Description
The tone detectorblock is a set of 16 identical Cells.
Each cell is composed of a Double Biquadratic
Filter, a Power estimator section, a Static level and
a Level comparator.
Each Biquadratic Filter, Power Estimator and Static
Level can be programmed using a complete set of
Commands (TDRC, TDRW, TDWC, TDWW, TDZ).
The wiring between the different Cells can be de-
fined by the user, using the associatedCommand
allowing a wide range of applications.
The 16 Comparator Outputs give, on a baud basis,
the information into two 8 bits words TONEDET0
(for cells number 0 to 7) and TONEDET1 (for cells
number 8 to F). These TONEDET variables can be
accessed using a MR command or, more easily,
monitored on a baud basis using the DOSR com-
mand.
VIII.2.1 - Biquadratic Filters
Each Biquadratic Filter is a double regular section
that can perform any Transfer function with 4 Poles
and 4 Zeros. This routine is run on a sample basis.
Z -1
C0
C5
2
Z -1
Z -1
Z -1
2
CB
C7
C8
C9
CA
C1
C2
C3
C4
Z -1
IN
OUT
C6
Figure 2 : Biquadratic IIR Filter
The corresponding transfer function is :
Out
Input
= C0 ⋅
C5
+ 2 ⋅ C3 ⋅ z±1 + 2 ⋅ C4
⋅ z±2
1
± 2 ⋅ C1 ⋅ z±1 ± 2 ⋅ C2 ⋅ z±2
⋅ C6 ⋅
CB
+ 2 ⋅ C9
⋅ z±1 + 2 ⋅ CA ⋅ z±2
1
± 2 ⋅ C7
⋅ z±1 ± 2 ⋅ C8 ⋅ z±2
⋅ z±1
Note :
All coefficients are coded on 16 bits 2’s complement in the range +1, -1 (Q15). To avoid the possibility of overflow the user must check
that the internal node must not be higher that 0.5 (in Q15 representation).
ST75C520
34/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com