Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C520 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST75C520 Datasheet HTML 12Page - STMicroelectronics ST75C520 Datasheet HTML 13Page - STMicroelectronics ST75C520 Datasheet HTML 14Page - STMicroelectronics ST75C520 Datasheet HTML 15Page - STMicroelectronics ST75C520 Datasheet HTML 16Page - STMicroelectronics ST75C520 Datasheet HTML 17Page - STMicroelectronics ST75C520 Datasheet HTML 18Page - STMicroelectronics ST75C520 Datasheet HTML 19Page - STMicroelectronics ST75C520 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
V.3 - Command Set Short Form
CCI Command
Mnemonic
Value
Description
XMIT
0x01
Transmit Data
SETGN
0x02
Set Transmit Gain
SLEEP
0x03
Power Down the ST75C520
HSHK
0x04
Start Handshake
INIT
0x06
Initialize (Software Master RESET)
SERIAL
0x07
Enable/disable Data Serial Mode
CSE
0x08
Clear Error Status Word
FORM
0x09
Define Parallel Data Format
DOSR
0x0A
Define Optional Status Report
TONE
0x0C
Generate Predefined Tones
TGEN
0x0D
Enable Tone Generator
DEFT
0x0E
Define Arbitrary Tone
MR
0x10
Memory Read
CR
0x11
Complex Read
MW
0x12
Memory Write
DSIT
0x13
Define Status Interrupt
IDT
0x14
Return Product Identification Code
JSR
0x18
Call a Low Level Subroutine
CALL
0x19
Call a Subroutine
TDRC
0x1A
Tone Detector Read Coefficient
TDRW
0x1B
Tone Detector Read Wiring
TDWC
0x1C
Tone Detector Write Coefficient
TDWW
0x1D
Tone Detector Write Wiring
TDZ
0x1E
Tone Detector Clear Cell
CONF
0x20
Configure
MODC
0x21
Modify Default Configuration
STOP
0x25
FAX Stop Transmitter
SYNC
0x26
FAX Synchronize Receiver
ST75C520
16/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com