Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C520 Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST75C520 Datasheet HTML 22Page - STMicroelectronics ST75C520 Datasheet HTML 23Page - STMicroelectronics ST75C520 Datasheet HTML 24Page - STMicroelectronics ST75C520 Datasheet HTML 25Page - STMicroelectronics ST75C520 Datasheet HTML 26Page - STMicroelectronics ST75C520 Datasheet HTML 27Page - STMicroelectronics ST75C520 Datasheet HTML 28Page - STMicroelectronics ST75C520 Datasheet HTML 29Page - STMicroelectronics ST75C520 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
TGEN
Enable/disable Tone Generators
TGEN
Opcode:
0D
00001101
Synopsis
TGEN causes the ST75C520 to enable or disable the four tone generators.
Parameters
Field
Byte
Pos.
Value
Definition
TONE_0_ENA
1
0
0*
1
Generator #0 disabled
Generator #0 enabled
TONE_1_ENA
1
1
0*
1
Generator #1 disabled
Generator #1 enabled
TONE_2_ENA
1
2
0*
1
Generator #2 disabled
Generator #2 enabled
TONE_3_ENA
1
3
0*
1
Generator #3 disabled
Generator #3 enabled
TONE
Predefined Tones
TONE
Opcode:
0C
00001100
Synopsis
TONE programs the tone generators for the predefined tones. The tone generators #0 and
eventually #1 are reprogrammed with this command. Eventually the tone generator #0
and #1 are enabled. Using a value not in the following table will disable tone generator #0
and #1.
Parameters
Field
Byte
Pos.
Value
Definition
TONE_SELECT
1
5..0
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
10
11
12
13
DTMF 0 (941 & 1336Hz)
DTMF 1 (697 & 1209Hz)
DTMF 2 (697 & 1336Hz)
DTMF 3 (697 & 1477Hz)
DTMF 4 (770 & 1209Hz)
DTMF 5 (770 & 1336Hz)
DTMF 6 (770 & 1477Hz)
DTMF 7 (852 & 1209Hz)
DTMF 8 (852 & 1336Hz)
DTMF 9 (852 & 1477Hz)
DTMF A (697 & 1633Hz)
DTMF B (770 & 1633Hz)
DTMF C (852 & 1633Hz)
DTMF D (941 & 1633Hz)
DTMF * (941 & 1209Hz)
DTMF # (941 & 1477Hz)
Answer tone (2100Hz)
Tone (1650Hz)
Answer tone (2225Hz)
Tone (1300Hz)
XMIT
Start/stop Transmission
XMIT
Opcode:
01
00000001
Synopsis
XMIT start or stop the transmission of the Parallel Transmit Data. This command work only
if the Parallel Transmit Data mode has been selected with a SERIAL command.
Parameters
Field
Byte
Pos.
Value
Definition
TX_START
1
0
0*
1
Stop transmission
Start transmission
ST75C520
26/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com