Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C520 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST75C520 Datasheet HTML 25Page - STMicroelectronics ST75C520 Datasheet HTML 26Page - STMicroelectronics ST75C520 Datasheet HTML 27Page - STMicroelectronics ST75C520 Datasheet HTML 28Page - STMicroelectronics ST75C520 Datasheet HTML 29Page - STMicroelectronics ST75C520 Datasheet HTML 30Page - STMicroelectronics ST75C520 Datasheet HTML 31Page - STMicroelectronics ST75C520 Datasheet HTML 32Page - STMicroelectronics ST75C520 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
Starting at the adddress $08 the status area have the following format :
Add.
Name
Bit
76
5432
1
0
$08
SYSERR
ERR_RTK
-
-
ERR_IPRM ERR_IOCD
-
ERR_RX
ERR_TX
$09
STATUS0
STA_109F STA_CPT10 STA_CPT1 STA_CPT0 STA_RING
STA_106
STA_107
STA_109
$0A
STATUS1
STA_DTMF STA_FLAG
-
STA_HR
STA_AT
STA_CCITT
-
STA_H
$0B
STAQUA
-
Quality
$0C
STAOP0
Depend on operating mode (see below)
$0D
STAOP1
$0E
STAOP2
VII.2.2 - Error Status
The error status changes each time an error occurs. When the ST75C520 signals an error by setting one
of the SYSERR bit, it generates an interrupt IT0. These bits can only be cleared by the host controler using
the CSE command.
The meaning of the different bits of the SYSERR byte is discribed below :
SYSERR
Field
Pos.
Meaning when set
ERR_TX
0
Transmit buffer underflow. Loss of synchronisation between the host and ST75C520
transmit data buffer managment.
ERR_RX
1
Receive buffer overflow. Loss of synchronisation between the host and ST75C520 receive
data buffer managment.
ERR_IOCD
3
Incorrect CCI command
ERR_IPRM
4
Incorrect parameter for the CCI command
ERR_RTK
7
Real time kernel error. ST75C520 not able to perform all its tasks within the baud period
(transmit or receive samples lost).
VII.2.3 - Modem General Status
The modem general status word is composed of two bytes STATUS[0] and STATUS[1]. Any bit change can
generate an IT4 interrupt. Using the DSIT command allows the selection of the corresponding bit that will
generate an interrupt each time they will change. The default pattern is $3F for STATUS[0] and $FF for
STATUS[1].
The different bits have the following meaning :
STATUS[0]
Field
Pos.
Meaning when set
STA_109
0
CCITT circuit 109 (carrier detect). Indicates that valid data are received. When 0 the output
data RxD are clamped to constant mark. Valid only in modem mode.
STA_107
1
CCITT circuit 107 (data set ready). Valid only in modem mode.
STA_106
2
CCITT circuit 106 (clear to send). Indicates that the training sequence has been completed
and that any data at TxD pin (serial mode) or in the transmit buffer (parallel mode) will be
transmitted. valid only in modem mode.
STA_RING
3
Ring detected. A ring signal (from 15Hz to 68Hz) is present at the RING pin. Valid only in
tones modes. The precise frequency can be read in the optional status byte STAOP2. The
detection time is 1 period of the ring signal. The detection lost time in 20ms after the last
transition on the ring signal.
STA_CPT0
4
Call progress tone detector #0. Low pass filter 650Hz. Valid only in tones modes.
STA_CPT1
5
Call progress tone detector #1. High pass filter 600Hz. Valid only in tones modes.
STA_CPT10
6
Signal in filter #0 is highter than #1. Valid only in tones modes.
STA_109F
7
Fast Carrier Detect. Valid only in modem mode.
ST75C520
29/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com