Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C520 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST75C520 Datasheet HTML 20Page - STMicroelectronics ST75C520 Datasheet HTML 21Page - STMicroelectronics ST75C520 Datasheet HTML 22Page - STMicroelectronics ST75C520 Datasheet HTML 23Page - STMicroelectronics ST75C520 Datasheet HTML 24Page - STMicroelectronics ST75C520 Datasheet HTML 25Page - STMicroelectronics ST75C520 Datasheet HTML 26Page - STMicroelectronics ST75C520 Datasheet HTML 27Page - STMicroelectronics ST75C520 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
SYNC
FAX Synchronize the Receiver
SYNC
Opcode:
26
00100110
Synopsis
SYNC is used, in FAX Modes, to force the ST75C520 to Start/Stop the receiver in
accordance with the corresponding ITU-T V.33/V.17/V.29/V.27recommendation.As soon
as the ST75C520 receives the SYNC Start command it sets its receiver to detect the FAX
synchronization signal.This command is the equivalent HSHK command for the receiver.
Parameters
Field
Byte
Pos.
Value
Definition
RX_SYNC
1
0
0*
1
Stop receiver
Start receiver synchronization
TDRC
Tone Detector Read Coefficient
TDRC
Opcode:
1A
00011010
Synopsis
TDRC Read one Coefficient of the selected Tone Detector Cell.
Parameters
Field
Byte
Pos.
Value
Definition
TD_CELL
1
3..0
0..F
Tone detector cell number
TD_C_ADDR
2
7..0
0..B
10
20
Other
Biquad coefficient
Energy coefficient
Static level
Reserved
The command answer is : Low Byte of Coefficient followed by High Byte of Coefficient.
TDRW
Tone Detector Read Wiring
TDRW
Opcode:
1B
00011011
Synopsis
TDRC Read Wiring of the selected Tone Detector Cell.
Parameters
Field
Byte
Pos.
Value
Definition
TD_CELL
1
3..0
0..F
Tone detector cell number
TD_W_ADDR
2
0
0
1
Other
Biquad and energy input
Comparator inputs
Reserved
The command answer is:
a) If TD_W_ADDR = 0 :
- First Byte is the Node Number of the Signal connected to Biquadratic Filter input.
- Second Byte is the Node Number of the Signal connected to the Energy estimator input.
b) if TD_W_ADDR = 1 :
- First Byte is the Node Number of the Signal connected to Comparator Negative input.
- Second Byte is the Node Number of the Signal connectedto the Comparator Positive input.
ST75C520
24/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com