Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C520 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST75C520 Datasheet HTML 7Page - STMicroelectronics ST75C520 Datasheet HTML 8Page - STMicroelectronics ST75C520 Datasheet HTML 9Page - STMicroelectronics ST75C520 Datasheet HTML 10Page - STMicroelectronics ST75C520 Datasheet HTML 11Page - STMicroelectronics ST75C520 Datasheet HTML 12Page - STMicroelectronics ST75C520 Datasheet HTML 13Page - STMicroelectronics ST75C520 Datasheet HTML 14Page - STMicroelectronics ST75C520 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
IV.2.10 - Reset
After a hardware reset, or an INIT command, the
ST75C520 clears all its internal memories, clears
the whole dual RAM and starts to initialize the delta
sigma analog converters. As soon as these initiali-
zations are completed, the ST75C520 clears the
dual RAM address 0 (COMSYS), generates an
interrupt IT6 (command acknoledge) and is pro-
grammed to send and receive tones, the bit clock
and the sample clock are programmed to 9600Hz.
The total duration of the reset sequence is about
5ms. After that time the ST75C520 is ready to
execute commands sent by the host micro-control-
ler. The durationof the reset signal shouldbe greater
than 700ns.
IV.3 - Modem Interface
IV.3.1 - Analog Interface
The modem designer must provide a proper hybrid
interface to the ST75C520. An example of hybrid
design is given in paragraphs XII and XIII. The
inputs and outputs of the MAFE are differential,
achieving thus a better noise immunity. The D/A
converter output amplifier includes a single pole
low-pass filter, its cut-off frequency is :
Fc - 3dB # 19200Hz.
Continuous-time filtering of the analog differential
output is necessary using an off-chip amplifier and
a few external passive components.
IV.3.2 - Host Interface
The host interface is seen by the micro as a 64x8
RAM, with additional registers accessible through
an 8-bit address space. A selection Pin (INT/MOT)
allows to configure the host bus for either INTEL or
MOTOROLA type control signals.
V - USER INTERFACE
V.1 - Dual Port Ram Description
The dual port RAM is the standard interface between
the controller and the ST75C520, for either com-
mands or data. This memory is addressedthrough a
7-bit address bus. The locations from $00 to $3F are
RAM locations, while locations from $40 to $50 are
control registers dedicated to the interrupt handling.
Several functional areas are defined in the dual port
RAM, namely :
- the command area,
- the report area,
- the status area,
- the data buffer area.
V.1.1 - Mapping
V.1.1.1 - Command Area
The command area is located from $00 to $04.
Address $00 holds the command byte COMSYS,
and the next four locations hold the parameters
COMPAR[0..3]. The command parameters must
be entered before the command word is issued.
Once the command has been entered, the com-
mand byte is reset and an acknowledge report is
issued. A new command should not be issued
before the acknowledgecounter COMACK is incre-
mented.
V.1.1.2 - Report Area
The report area is located from address $05 to
address $07. Location $05 holds the acknowledge
counter COMACK. Each time a command is ac-
knowledged, the report bytes COMREP[0..1] (if
any) are written by the ST75C520 into locations
$06 and $07, and the content of COMACK is
incremented. This counter allows the ST75C520 to
accurately monitor the command processing.
V.1.1.3 - Status Area
The statusarea is located from address $08 to $0A.
The error status word SYSERR is located at ad-
dress $08. This error status word is updated each
time an error condition occurs. An optional interrup-
tion IT0 may additionally be triggered in the case
of an error condition. Locations $09 and $0A hold
the general status bytes STATUS[0..1]. The mean-
ing of the bits depends on the mode of operation,
and is described in Chapter VII. The third byte at
address $0B holds the Quality Monitor byte
STAQUA.
V.1.1.4 - Optional Status Area
The user can program (through the DOSR com-
mand) the three locations STAOPT[0..2] of the
Optional Status Area ($0C to $0E) for the real time
monitoring of three arbitrary memory locations.
V.1.1.5 - Data Buffer Area
The data area is made of four 8-byte buffers. Two
are dedicated to transmission and the two others
to reception. Each of the four buffers is attached to
a status byte. the meaning of the status byte de-
pends on the selected format of transmission.
Within each buffer, D0 represents the first bit in
time.
ST75C520
11/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com