Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C520 Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST75C520 Datasheet HTML 21Page - STMicroelectronics ST75C520 Datasheet HTML 22Page - STMicroelectronics ST75C520 Datasheet HTML 23Page - STMicroelectronics ST75C520 Datasheet HTML 24Page - STMicroelectronics ST75C520 Datasheet HTML 25Page - STMicroelectronics ST75C520 Datasheet HTML 26Page - STMicroelectronics ST75C520 Datasheet HTML 27Page - STMicroelectronics ST75C520 Datasheet HTML 28Page - STMicroelectronics ST75C520 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
TDWC
Tone Detector Write Coefficient
TDWC
Opcode:
1C
00011100
Synopsis
TDWC Write one Coefficient of the selected Tone Detector Cell.
Parameters
Field
Byte
Pos.
Value
Definition
TD_CELL
1
3..0
0..F
Tone detector cell number
TD_C_ADDR
2
7..0
0..B
10
20
Other
Biquad coefficient
Energy coefficient
Static level
Reserved
TD_COEFL
3
7..0
Low byte of coefficient
TD_COEFH
4
7..0
High byte of coefficient
TDWW
Tone Detector Write Wiring
TDWW
Opcode:
1D
00011101
Synopsis
TDRC Write Wiring of the selected Tone Detector Cell.
Parameters
Field
Byte
Pos.
Value
Definition
TD_CELL
1
3..0
0..F
Tone detector cell number
TD_W_ADDR
2
0
0
1
Other
Biquad and energy input
Comparator inputs
Reserved
If TD_W_ADDR = 0 (Select Biquad and Energy Inputs)
Parameters
Field
Byte
Pos.
Value
Definition
TD_W_ERN
3
0..3F
Energy estimator signal input
TD_W_BIQ
4
0..3F
Biquad filter signal input
If TD_W_ADDR = 1 (Select Comparator Inputs)
Parameters
Field
Byte
Pos.
Value
Definition
TD_W_CN
3
0..3F
Negative comparator signal input
TD_W_CP
4
0..3F
Positive comparator signal input
TDZ
Tone Detector Clear Cell
TDZ
Opcode:
1E
00011110
Synopsis
TDZ Clears all internal variables of one Tone detector cell including Filter local variables
and energy estimator. This command must be sent after changing coefficients of a cell to
avoid instability.
Parameters
Field
Byte
Pos.
Value
Definition
TD_CELL
1
3..0
0..F
Tone detector cell number
ST75C520
25/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com