Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C520 Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST75C520 Datasheet HTML 37Page - STMicroelectronics ST75C520 Datasheet HTML 38Page - STMicroelectronics ST75C520 Datasheet HTML 39Page - STMicroelectronics ST75C520 Datasheet HTML 40Page - STMicroelectronics ST75C520 Datasheet HTML 41Page - STMicroelectronics ST75C520 Datasheet HTML 42Page - STMicroelectronics ST75C520 Datasheet HTML 43Page - STMicroelectronics ST75C520 Datasheet HTML 44Page - STMicroelectronics ST75C520 Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
X - DEFAULT CALL PROGRESS TONE DETEC-
TORS
Figure 10 : Call Progress Tone Detector Band 1
Figure 11 : Call Progress Tone Detector Band 2
XI - DEFAULT ANSWER TONE DETECTORS
Figure 12 : 2100Hz Answer Tone Detector
Figure 13 : 2225Hz Answer Tone Detector
XII - ELECTRICAL SCHEMATICS
Oscillator
When using a third harmonic crystal oscillator in series resonance mode (RS <40
Ω,C0 = 6pF, Pe = 0.1mW),
we recommend the following schematic :
56
5 5
5p F
(opti onal)
33pF
10n F
29.4 912M Hz
1
µH
EX TA L
X TA L
ST75C520
42/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com